| Electronic Components Datasheet Search |
|
MCP25050I/P Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP25050I/P Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 66 page ![]() MCP2502X/5X DS21664D-page 12 © 2007 Microchip Technology Inc. 2.7 Acceptance Mask The acceptance mask is used to define which bits in the CAN ID are to be compared against the programmable filters. Individual bits within the mask correspond to bits in the CAN ID that, in turn, correspond to bits in the acceptance filters. Any bit in the mask that is set to a ‘1’ will cause the corresponding CAN ID bit to be compared against the associated filter bit. Any bit in the mask that is set to a ‘0’ is not compared and effectively sets the associated CAN ID bit to ‘don’t care’. 2.7.1 MASKS AND STANDARD/ EXTENDED IDS To insure proper operation of the information request and input messages, some mask bits (as configured in the mask registers) may be ignored as explained: Message with a standard ID - the three least significant bits of a standard identifier (RXMSIDL.SID2:SID0) are ‘don’t care’ for the mask registers and effectively become ‘0’. Message with an extended ID - the three least significant bits of the standard identifier (RXMSIDL.SID2:SID0) are configurable and the three least significant bits of the extended identifier (RXMEID0.EID2:EID0) are always ‘don’t cares’ and effectively becomes ‘0’. 2.8 Acceptance Filters There are two separate acceptance filters defined for the MCP2502X/5X: RXF0 and RXF1. RXF0 is used for Information Request messages and RXF1 is used for input messages (see Table 4-2 and Table 4-3). Each bit in the filters corresponds to a bit in the CAN ID. Every bit in the CAN ID, for which the corresponding Mask bit is set, must match the associated filter bit in order for the message to be accepted. Messages that fail to meet the mask/fIlter criteria are ignored. REGISTER 2-6: TXIDNSIDH - TRANSMIT IDENTIFIER N STANDARD IDENTIFIER HIGH Note: The EXIDE bit in the Mask register (RXMSIDL) can be used to mask the IDE bit in the corresponding Receive buffer register (RXBnSIDL). R/W-x R/W-x R/W-x R/W-x R/W-x R/W-x R/W-x R/W-x SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 bit 7 bit 0 bit 7-0 SID10:SID3: Standard Identifier bits Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |