Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP25050I/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP25050I/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050I/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP25050I/P Datasheet HTML 11Page - Microchip Technology MCP25050I/P Datasheet HTML 12Page - Microchip Technology MCP25050I/P Datasheet HTML 13Page - Microchip Technology MCP25050I/P Datasheet HTML 14Page - Microchip Technology MCP25050I/P Datasheet HTML 15Page - Microchip Technology MCP25050I/P Datasheet HTML 16Page - Microchip Technology MCP25050I/P Datasheet HTML 17Page - Microchip Technology MCP25050I/P Datasheet HTML 18Page - Microchip Technology MCP25050I/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 15
MCP2502X/5X
REGISTER 2-13:
RXMEID0 - ACCEPTANCE FILTER MASK EXTENDED IDENTIFIER LOW
REGISTER 2-14:
RXFNSIDH - ACCEPTANCE FILTER N STANDARD IDENTIFIER HIGH
REGISTER 2-15:
RXFNSIDL - ACCEPTANCE FILTER N STANDARD IDENTIFIER LOW
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
bit 7
bit 0
bit 7-3
EID7:EID3: Extended Identifier bits
bit 2-0
EID2:EID0: Extended Identifier bits (always reads as ‘0’)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3*
bit 7
bit 0
bit 7-0
SID10:SID3: Standard Identifier bits
* If OPTREG2.MTYPE = 1, then SID3 = X
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
R/W-x
U-0
R/W-x
U-0
R/W-x
R/W-x
SID2
SID1
SID0
—
EXIDE
—EID17
EID16
bit 7
bit 0
bit 7-5
SID2:SID0: Standard Identifier bits
1
= When EXIDE = 1, SID2:SID0 = b’xxx’
0
= When EXIDE = 0, SID2:SID0 = as configured
bit 4
Unimplemented: Read as ‘0’
bit 3
EXIDE: Extended Identifier Enable bit
1
= Filter will apply to extended identifier
0
= Filter will apply to standard identifier
bit 2
Unimplemented: Read as ‘0’
bit 1-0
EID17:EID16: Extended Identifier bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com