Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP25050E/P Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP25050E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050E/P Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP25050E/P Datasheet HTML 49Page - Microchip Technology MCP25050E/P Datasheet HTML 50Page - Microchip Technology MCP25050E/P Datasheet HTML 51Page - Microchip Technology MCP25050E/P Datasheet HTML 52Page - Microchip Technology MCP25050E/P Datasheet HTML 53Page - Microchip Technology MCP25050E/P Datasheet HTML 54Page - Microchip Technology MCP25050E/P Datasheet HTML 55Page - Microchip Technology MCP25050E/P Datasheet HTML 56Page - Microchip Technology MCP25050E/P Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 53
MCP2502X/5X
9.3
AC Characteristics
AC Characteristics
Industrial (I):
TAMB = -40°C to +85°C
VCC = 2.7V to 5.5V
Automotive (E): TAMB = -40°C to +125°C VCC = 4.5V to 5.5V
Param.
No.
Sym
Characteristics
Min
Max
Units
Test Conditions
FOS
CLKIN Frequency
DC
4
MHz
XT osc mode
DC
25
MHz
HS osc mode (Note 3)
DC
200
kHz
LP osc mode
FOS
Oscillator Frequency
0.1
4
MHz
XT osc mode
4
25
MHz
HS osc mode (Note 3)
5
200
kHz
LP osc mode
1TOSC
CLKIN Period
250
—
ns
XT osc mode
40
—
ns
HS osc mode
5
—
µs
LP osc mode
Oscillator Period
0.25
10
µs
XT osc mode
40
250
ns
HS osc mode
5
—
µs
LP osc mode
3TOSL
CLKIN High or Low Time
100
—
ns
XT osc mode
TOSH
15
—
ns
HS osc mode
2.5
—
µs
LP osc mode
4
Tosr
CLKIN Rise or Fall Time
—
25
ns
XT osc mode (Note 1)
—
50
ns
HS osc mode (Note 1)
—
15
ns
LP osc mode (Note 1)
10
TDCLKOUT CLKOUT Propagation Delay
—
60
ns
VDD = 4.5 V (Note 2)
12
TCKR
CLKOUT Rise Time
—
100
ns
Note 2
13
TCKR
CLKOUT Fall Time
—
200
ns
Note 2
20
TIOR
Port output rise time
—
40
ns
Note 1
21
TIOF
Port output fall time
—
40
ns
Note 1
30
TMCL
RST Pulse Low
2
—
µs
VDD = 5V
32
TOST
Oscillation Start-up Timer
512
—
Tosc
TOSC = OSC1 period
33
TPWRT
Power-up Timer
28
132
ms
VDD = 5V
34
TIOZ
I/O Hi-impedance from RST
low
—2.1
µs
Note 1
TPWMR
PWM output rise time
—
25
ns
Note 1
TPWMF
PWM output fall time
—
25
ns
Note 1
TAD
A/D clock period
1.6
—
µs
VREF
Δ ≥ 2.5V
3.0
—
µs
VREF full range
TCNV
Conversion Time (not
including acquisition time)
—13
TAD
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Measurements are taken with CLKOUT output configured as 4 x TOSC.
3:
Refer to Figure 9-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com