Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP25050E/P Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP25050E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25050E/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP25050E/P Datasheet HTML 16Page - Microchip Technology MCP25050E/P Datasheet HTML 17Page - Microchip Technology MCP25050E/P Datasheet HTML 18Page - Microchip Technology MCP25050E/P Datasheet HTML 19Page - Microchip Technology MCP25050E/P Datasheet HTML 20Page - Microchip Technology MCP25050E/P Datasheet HTML 21Page - Microchip Technology MCP25050E/P Datasheet HTML 22Page - Microchip Technology MCP25050E/P Datasheet HTML 23Page - Microchip Technology MCP25050E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
MCP2502X/5X
DS21664D-page 20
© 2007 Microchip Technology Inc.
0Eh
ADCON04
A/D Control Register; contains enable,
conversion rate, channel select bits
29h
TXID2SIDL
Transmit Buffer 2, Standard ID LSB,
Extended ID USB, and Extended ID
enable
0Fh
ADCON14
A/D Control Register; contains voltage
reference source, conversion rate and
A/D input enable bits
2Ah
TXID2EID8
Transmit Buffer 2, Extended ID MSB
10h
STCON
Scheduled Transmission Control Register
2Bh
TXID2EID0
Transmit Buffer 2, Extended ID LSB
11h
OPTREG2
Configuration options, including Sleep
mode, RTR message and error recovery
enables
2Ch
ADCMP3H4 Analog Channel 3 Compare Value
MSB
12h
—
Reserved
2Dh
ADCMP3L4
Analog Channel 3 Compare Value
LSb’s
13h
—
Reserved
2Eh
ADCMP2H4 Analog Channel 2 Compare Value
MSB
14h
RXMSIDH
Acceptance Filter Mask, Standard ID MSB
2Fh
ADCMP2L4
Analog Channel 2 Compare Value
LSb’s
15h
RXMSIDL
Acceptance Filter Mask, Standard ID LSB
and Extended ID USB
30h
ADCMP1H4 Analog Channel 1 Compare Value
MSB
16h
RXMEID8
Acceptance Filter Mask, Extended ID
MSB
31h
ADCMP1L4
Analog Channel 1 Compare Value
LSb’s
17h
RXMEID0
Acceptance Filter Mask, Extended ID LSB
32h
ADCMP0H4 Analog Channel 0 Compare Value
MSB
18h
RXF0SIDH
Acceptance Filter 0, Standard ID MSB
33h
ADCMP0L4
Analog Channel 0 Compare Value
LSb’s
19h
RXF0SIDL
Acceptance Filter 0, Standard ID LSB,
Extended ID USB, and Extended ID
enable
34h
GPDDR1
General Purpose I/O Data Direction
Register
1Ah
RXF0EID8
Acceptance Filter 0, Extended ID MSB
35-44h
USER[0:F]2
User Defined Bytes (0-15)
TABLE 3-1:
USER MEMORY MAP (CONTINUED)
Address
Name
Description
Address
Name
Description
Note
1:
GPDDR is mapped to 1Fh is SRAM and not offset by 1Ch.
2:
User memory (35h-44h) is not transferred to RAM on power-up and can only be accessed via “Read User Mem”
commands.
3:
Cannot be modified from initial programmed values.
4:
Unimplemented on MCP2502X devices and read 0x00 (exception, ADCON1 = 0x0F).
TABLE 3-2:
ACCESSIBLE RAM REGISTERS NOT IN THE EPROM MAP
Addr*
Name
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Value on
POR
Value on
RST
1Fh**
GPDDR
—
DDR6
DDR4
DDR4
DDR3
DDR2
DDR1
DDR0
-111 1111
-111 1111
18h
EFLG
ESCF
RBO
TXEP
TXEP
RXEP
TXWAR
RXWAR
EWARN
0000 0000
0000 0000
19h
TEC
Transmit Error Counters
0000 0000
0000 0000
1Ah
REC
Receive Error Counters
0000 0000
0000 0000
50h
ADRES3H
AN3.9
AN3.8
AN3.6
AN3.6
AN3.5
AN3.4
AN3.3
AN3.2
xxxx xxxx
uuuu uuuu
51h
ADRES3L
AN3.1
AN3.0
—
—
—
—
—
—
xx-- ----
uu-- ----
52h
ADRES2H
AN2.9
AN2.8
AN2.6
AN2.6
AN2.5
AN2.4
AN2.3
AN2.2
xxxx xxxx
uuuu uuuu
53h
ADRES2L
AN2.1
AN2.0
—
—
—
—
—
—
xx-- ----
uu-- ----
54h
ADRES1H
AN1.9
AN1.8
AN1.6
AN1.6
AN1.5
AN1.4
AN1.3
AN1.2
xxxx xxxx
uuuu uuuu
55h
ADRES1L
AN1.1
AN1.0
—
—
—
—
—
—
xx-- ----
uu-- ----
56h
ADRES0H
AN0.9
AN0.8
AN0.6
AN0.6
AN0.5
AN0.4
AN0.3
AN0.2
xxxx xxxx
uuuu uuuu
57h
ADRES0L
AN0.1
AN0.0
—
—
—
—
—
—
xx-- ----
uu-- ----
*
These addresses are used when using the “Write Register” or “Read Register” command
**
The GPDDR register is not offset to RAM the same as the other registers in the EPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com