Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220E/SSSQTP Datasheet(PDF) 267 Page - Microchip Technology

Part # PIC18F1220E/SSSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/SSSQTP Datasheet(HTML) 267 Page - Microchip Technology

Back Button PIC18F1220E/SSSQTP Datasheet HTML 263Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 264Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 265Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 266Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 267Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 268Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 269Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 270Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 265
PIC18F1220/1320
FIGURE 22-14:
A/D CONVERSION TIMING
TABLE 22-14: A/D CONVERSION REQUIREMENTS
131
130
132
BSF ADCON0, GO
Q4
A/D CLK(1)
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
Sampling Stopped
DONE
NEW_DATA
(Note 2)
98
7
2
1
0
Note 1: If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts.
This allows the SLEEP instruction to be executed.
2: This is a minimal RC delay (typically 100 ns), which also disconnects the holding capacitor from the analog input.
. . .
. . .
TCY
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
130
TAD
A/D Clock Period
PIC18F1X20
1.6
20(5)
μsTOSC based, VREF ≥ 3.0V
PIC18LF1X20
3.0
20(5)
μsTOSC based, VREF full range
PIC18F1X20
2.0
6.0
μs
A/D RC mode
PIC18LF1X20
3.0
9.0
μs
A/D RC mode
131
TCNV
Conversion Time
(not including acquisition time) (Note 1)
11
12
TAD
132
TACQ
Acquisition Time (Note 3)
15
10
—
—
μs
μs
-40
°C ≤ Temp ≤ +125°C
0
°C ≤ Temp ≤ +125°C
135
TSWC
Switching Time from Convert
→ Sample
—
(Note 4)
136
TAMP
Amplifier Settling Time (Note 2)
1—
μs
This may be used if the
“new” input voltage has not
changed by more than 1 LSb
(i.e., 5 mV @ 5.12V) from the
last sampled voltage (as
stated on CHOLD).
Note 1:
ADRES register may be read on the following TCY cycle.
2:
See Section 17.0 “10-Bit Analog-to-Digital Converter (A/D) Module” for minimum conditions when input
voltage has changed more than 1 LSb.
3:
The time for the holding capacitor to acquire the “New” input voltage, when the voltage changes full scale after
the conversion (AVDD to AVSS, or AVSS to AVDD). The source impedance (RS) on the input channels is 50
Ω.
4:
On the next Q4 cycle of the device clock.
5:
The time of the A/D clock period is dependent on the device frequency and the TAD clock divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com