Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220E/SSSQTP Datasheet(PDF) 276 Page - Microchip Technology

Part # PIC18F1220E/SSSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/SSSQTP Datasheet(HTML) 276 Page - Microchip Technology

Back Button PIC18F1220E/SSSQTP Datasheet HTML 272Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 273Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 274Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 275Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 276Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 277Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 278Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 279Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 280Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 308 page
background image
PIC18F1220/1320
DS39605F-page 274
© 2007 Microchip Technology Inc.
FIGURE 23-15:
TYPICAL IPD vs. VDD (+25°C), 125 kHz TO 8 MHz RC_RUN MODE,
ALL PERIPHERALS DISABLED
FIGURE 23-16:
MAXIMUM IPD vs. VDD (-40°C TO +125°C), 125 kHz TO 8 MHz RC_RUN MODE,
ALL PERIPHERALS DISABLED
0
500
1000
1500
2000
2500
3000
2.02.5
3.03.5
4.04.5
5.05.5
VDD (V)
8 MHz
125 kHz
4 MHz
2 MHz
1 MHz
250 kHz and 500 kHz curves are
bounded by 125 kHz and 1 MHz
curves.
Typical:
statistical mean @ 25°C
Maximum:
mean + 3
σ (-40°C to +125°C)
Minimum:
mean – 3
σ (-40°C to +125°C)
0
500
1000
1500
2000
2500
3000
3500
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
8 MHz
125 kHz
4 MHz
2 MHz
1 MHz
250 kHz and 500 kHz curves are
bounded by 125 kHz and 1 MHz
curves.
Typical:
statistical mean @ 25°C
Maximum: mean + 3
σ (-40°C to +125°C)
Minimum:
mean – 3
σ (-40°C to +125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com