Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220E/SSSQTP Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC18F1220E/SSSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/SSSQTP Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC18F1220E/SSSQTP Datasheet HTML 176Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 177Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 178Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 179Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 180Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 181Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 182Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 183Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 308 page
background image
PIC18F1220/1320
DS39605F-page 178
© 2007 Microchip Technology Inc.
REGISTER 19-10: CONFIG7L: CONFIGURATION REGISTER 7 LOW (BYTE ADDRESS 30000Ch)
REGISTER 19-11: CONFIG7H: CONFIGURATION REGISTER 7 HIGH (BYTE ADDRESS 30000Dh)
U-0
U-0
U-0
U-0
U-0
U-0
R/P-1
R/P-1
—
—
—
—
—
—
EBTR1
EBTR0
bit 7
bit 0
bit 7-2
Unimplemented: Read as ‘0’
bit 1
EBTR1: Table Read Protection bit (PIC18F1320)
1
= Block 1 (001000-001FFFh) not protected from table reads executed in other blocks
0
= Block 1 (001000-001FFFh) protected from table reads executed in other blocks
bit 0
EBTR0: Table Read Protection bit (PIC18F1320)
1
= Block 0 (00200-000FFFh) not protected from table reads executed in other blocks
0
= Block 0 (00200-000FFFh) protected from table reads executed in other blocks
bit 1
EBTR1: Table Read Protection bit (PIC18F1220)
1
= Block 1 (000800-000FFFh) not protected from table reads executed in other blocks
0
= Block 1 (000800-000FFFh) protected from table reads executed in other blocks
bit 0
EBTR0: Table Read Protection bit (PIC18F1220)
1
= Block 0 (000200-0007FFh) not protected from table reads executed in other blocks
0
= Block 0 (000200-0007FFh) protected from table reads executed in other blocks
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
U-0
R/P-1
U-0
U-0
U-0
U-0
U-0
U-0
—
EBTRB
—
—
—
—
—
—
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
EBTRB: Boot Block Table Read Protection bit
1
= Boot Block (000000-0001FFh) not protected from table reads executed in other blocks
0
= Boot Block (000000-0001FFh) protected from table reads executed in other blocks
bit 5-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com