Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320TE/PQTP Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC18F1320TE/PQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320TE/PQTP Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC18F1320TE/PQTP Datasheet HTML 36Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 37Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 38Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 39Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 40Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 41Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 42Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 43Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 308 page
background image
PIC18F1220/1320
DS39605F-page 38
© 2007 Microchip Technology Inc.
TMR3H
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
1220
1320
0-00 0000
u-uu uuuu
u-uu uuuu
SPBRGH
1220
1320
0000 0000
0000 0000
uuuu uuuu
SPBRG
1220
1320
0000 0000
0000 0000
uuuu uuuu
RCREG
1220
1320
0000 0000
0000 0000
uuuu uuuu
TXREG
1220
1320
0000 0000
0000 0000
uuuu uuuu
TXSTA
1220
1320
0000 0010
0000 0010
uuuu uuuu
RCSTA
1220
1320
0000 000x
0000 000x
uuuu uuuu
BAUDCTL
1220
1320
-1-1 0-00
-1-1 0-00
-u-u u-uu
EEADR
1220
1320
0000 0000
0000 0000
uuuu uuuu
EEDATA
1220
1320
0000 0000
0000 0000
uuuu uuuu
EECON2
1220
1320
0000 0000
0000 0000
0000 0000
EECON1
1220
1320
xx-0 x000
uu-0 u000
uu-0 u000
IPR2
1220
1320
1--1 -11-
1--1 -11-
u--u -uu-
PIR2
1220
1320
0--0 -00-
0--0 -00-
u--u -uu-(1)
PIE2
1220
1320
0--0 -00-
0--0 -00-
u--u -uu-
IPR1
1220
1320
-111 -111
-111 -111
-uuu -uuu
PIR1
1220
1320
-000 -000
-000 -000
-uuu -uuu(1)
PIE1
1220
1320
-000 -000
-000 -000
-uuu -uuu
OSCTUNE
1220
1320
--00 0000
--00 0000
--uu uuuu
TRISB
1220
1320
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
1220
1320
11-1 1111(5)
11-1 1111(5)
uu-u uuuu(5)
LATB
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
1220
1320
xx-x xxxx(5)
uu-u uuuu(5)
uu-u uuuu(5)
PORTB
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5,6)
1220
1320
xx0x 0000(5,6)
uu0u 0000(5,6)
uuuu uuuu(5,6)
TABLE 4-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-2 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the Oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Bit 5 of PORTA is enabled if MCLR is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com