Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320TE/PQTP Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC18F1320TE/PQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320TE/PQTP Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC18F1320TE/PQTP Datasheet HTML 87Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 88Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 89Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 90Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 91Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 92Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 93Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 94Page - Microchip Technology PIC18F1320TE/PQTP Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 89
PIC18F1220/1320
FIGURE 10-6:
MCLR/VPP/RA5 PIN BLOCK DIAGRAM
TABLE 10-1:
PORTA FUNCTIONS
TABLE 10-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
MCLR/VPP/RA5
Data Bus
RD PORTA
RD LATA
Schmitt
Trigger
MCLRE
RD TRISA
QD
EN
Latch
Filter
Low-Level
MCLR Detect
High-Voltage Detect
Internal MCLR
HV
Name
Bit#
Buffer
Function
RA0/AN0
bit 0
ST
Input/output port pin or analog input.
RA1/AN1/LVDIN
bit 1
ST
Input/output port pin, analog input or Low-Voltage Detect input.
RA2/AN2/VREF-
bit 2
ST
Input/output port pin, analog input or VREF-.
RA3/AN3/VREF+
bit 3
ST
Input/output port pin, analog input or VREF+.
RA4/T0CKI
bit 4
ST
Input/output port pin or external clock input for Timer0.
Output is open-drain type.
MCLR/VPP/RA5
bit 5
ST
Master Clear input or programming voltage input (if MCLR is enabled); input
only port pin or programming voltage input (if MCLR is disabled).
OSC2/CLKO/RA6
bit 6
ST
OSC2, clock output or I/O pin.
OSC1/CLKI/RA7
bit 7
ST
OSC1, clock input or I/O pin.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTA
RA7(1)
RA6(1)
RA5(2)
RA4
RA3
RA2
RA1
RA0
xx0x 0000 uu0u 0000
LATA
LATA7(1)
LATA6(1)
—
LATA Data Output Register
xx-x xxxx uu-u uuuu
TRISA
TRISA7(1) TRISA6(1)
—
PORTA Data Direction Register
11-1 1111 11-1 1111
ADCON1
—
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0 -000 0000 -000 0000
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Note 1:
RA7:RA6 and their associated latch and data direction bits are enabled as I/O pins based on oscillator
configuration; otherwise, they are read as ‘0’.
2:
RA5 is an input only if MCLR is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com