| Electronic Components Datasheet Search |
|
PIC12F508TE/ST Datasheet(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508TE/ST Datasheet(HTML) 31 Page - Microchip Technology |
|
31 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 31 PIC12F508/509/16F505 5.0 I/O PORT As with any other register, the I/O register(s) can be written and read under program control. However, read instructions (e.g., MOVF PORTB,W) always read the I/O pins independent of the pin’s Input/Output modes. On Reset, all I/O ports are defined as input (inputs are at high-impedance) since the I/O control registers are all set. 5.1 PORTB/GPIO PORTB/GPIO is an 8-bit I/O register. Only the low- order 6 bits are used (RB/GP<5:0>). Bits 7 and 6 are unimplemented and read as ‘0’s. Please note that RB3/ GP3 is an input only pin. The Configuration Word can set several I/O’s to alternate functions. When acting as alternate functions, the pins will read as ‘0’ during a port read. Pins RB0/GP0, RB1/GP1, RB3/GP3 and RB4 can be configured with weak pull-ups and also for wake-up on change. The wake-up on change and weak pull-up functions are not pin selectable. If RB3/GP3/ MCLR is configured as MCLR, weak pull-up is always on and wake-up on change for this pin is not enabled. 5.2 PORTC (PIC16F505 Only) PORTC is an 8-bit I/O register. Only the low-order 6 bits are used (RC<5:0>). Bits 7 and 6 are unimplemented and read as ‘0’s. 5.3 TRIS Registers The Output Driver Control register is loaded with the contents of the W register by executing the TRIS f instruction. A ‘1’ from a TRIS register bit puts the corre- sponding output driver in a High-Impedance mode. A ‘0’ puts the contents of the output data latch on the selected pins, enabling the output buffer. The excep- tions are RB3/GP3, which is input only and the T0CKI pin, which may be controlled by the OPTION register. See Register 4-3 and Register 4-4. The TRIS registers are “write-only” and are set (output drivers disabled) upon Reset. 5.4 I/O Interfacing The equivalent circuit for an I/O port pin is shown in Figure 5-2. All port pins, except RB3/GP3 which is input only, may be used for both input and output oper- ations. For input operations, these ports are non-latch- ing. Any input must be present until read by an input instruction (e.g., MOVF PORTB, W). The outputs are latched and remain unchanged until the output latch is rewritten. To use a port pin as output, the correspond- ing direction control bit in TRIS must be cleared (= 0). For use as an input, the corresponding TRIS bit must be set. Any I/O pin (except RB3/GP3) can be programmed individually as input or output. FIGURE 5-1: PIC12F508/509/16F505 EQUIVALENT CIRCUIT FOR A SINGLE I/O PIN Note: On the PIC12F508/509, I/O PORTB is ref- erenced as GPIO. On the PIC16F505, I/O PORTB is referenced as PORTB. Note: On power-up, TOCKI functionality is enabled in the OPTION register and must be disabled to allow RC5 to be used as general purpose I/O. Note: A read of the ports reads the pins, not the output data latches. That is, if an output driver on a pin is enabled and driven high, but the external system is holding it low, a read of the port will indicate that the pin is low. Data Bus Q D Q CK Q D Q CK P N WR Port TRIS ‘f’ Data TRIS RD Port VSS VDD I/O pin W Reg Latch Latch Reset Note 1: See Table 3-3 for buffer type. VSS VDD (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |