| Electronic Components Datasheet Search |
|
PIC12F508TE/ST Datasheet(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508TE/ST Datasheet(HTML) 69 Page - Microchip Technology |
|
69 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 69 PIC12F508/509/16F505 10.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings(†) Ambient temperature under bias.......................................................................................................... -40°C to +125°C Storage temperature ............................................................................................................................ -65°C to +150°C Voltage on VDD with respect to VSS ............................................................................................................... 0 to +6.5V Voltage on MCLR with respect to VSS.......................................................................................................... 0 to +13.5V Voltage on all other pins with respect to VSS ............................................................................... -0.3V to (VDD + 0.3V) Total power dissipation(1) .................................................................................................................................. 800 mW Max. current out of VSS pin ................................................................................................................................ 200 mA Max. current into VDD pin ................................................................................................................................... 150 mA Input clamp current, IIK (VI < 0 or VI > VDD) ...................................................................................................................±20 mA Output clamp current, IOK (VO < 0 or VO > VDD) ...........................................................................................................±20 mA Max. output current sunk by any I/O pin .............................................................................................................. 25 mA Max. output current sourced by any I/O pin ......................................................................................................... 25 mA Max. output current sourced by I/O port .............................................................................................................. 75 mA Max. output current sunk by I/O port ................................................................................................................... 75 mA Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD – ∑ IOH} + ∑ {(VDD – VOH) x IOH} + ∑(VOL x IOL) †NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |