| Electronic Components Datasheet Search |
|
PIC12F509TE/ST Datasheet(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509TE/ST Datasheet(HTML) 20 Page - Microchip Technology |
|
20 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 20 © 2009 Microchip Technology Inc. 4.3.2 SPECIAL FUNCTION REGISTERS The Special Function Registers (SFRs) are registers used by the CPU and peripheral functions to control the operation of the device (Table 4-1). The Special Function Registers can be classified into two sets. The Special Function Registers associated with the “core” functions are described in this section. Those related to the operation of the peripheral features are described in the section for each peripheral feature. TABLE 4-1: SPECIAL FUNCTION REGISTER (SFR) SUMMARY (PIC12F508/509) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-On Reset(2) Page # 00h INDF Uses Contents of FSR to Address Data Memory (not a physical register) xxxx xxxx 28 01h TMR0 8-bit Real-Time Clock/Counter xxxx xxxx 35 02h(1) PCL Low-order 8 bits of PC 1111 1111 27 03h STATUS GPWUF —PA0(5) TO PD ZDC C 0-01 1xxx(3) 22 04h FSR Indirect Data Memory Address Pointer 111x xxxx 28 04h(4) FSR Indirect Data Memory Address Pointer 110x xxxx 28 05h OSCCAL CAL6 CAL5 CAL4 CAL3 CAL2 CAL1 CAL0 — 1111 111- 26 06h GPIO — — GP5 GP4 GP3 GP2 GP1 GP0 --xx xxxx 31 N/A TRISGPIO — — I/O Control Register --11 1111 31 N/A OPTION GPWU GPPU TOCS TOSE PSA PS2 PS1 PS0 1111 1111 24 Legend: – = unimplemented, read as ‘0’, x = unknown, u = unchanged, q = value depends on condition. Note 1: The upper byte of the Program Counter is not directly accessible. See Section 4.7 “Program Counter” for an explanation of how to access these bits. 2: Other (non Power-up) Resets include external Reset through MCLR, Watchdog Timer and wake-up on pin change Reset. 3: If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0. 4: PIC12F509 only. 5: This bit is used on the PIC12F509. For code compatibility do not use this bit on the PIC12F508. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |