| Electronic Components Datasheet Search |
|
PIC12F509TE/ST Datasheet(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509TE/ST Datasheet(HTML) 54 Page - Microchip Technology |
|
54 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 54 © 2009 Microchip Technology Inc. 7.7 Time-out Sequence, Power-down and Wake-up from Sleep Status Bits (TO, PD, GPWUF/RBWUF) The TO, PD and (GPWUF/RBWUF) bits in the STATUS register can be tested to determine if a Reset condition has been caused by a Power-up condition, a MCLR or Watchdog Timer (WDT) Reset. TABLE 7-8: TO/PD/(GPWUF/RBWUF) STATUS AFTER RESET 7.8 Reset on Brown-out A brown-out is a condition where device power (VDD) dips below its minimum value, but not to zero, and then recovers. The device should be reset in the event of a brown-out. To reset PIC12F508/509/16F505 devices when a brown-out occurs, external brown-out protection circuits may be built, as shown in Figure 7-12 and Figure 7-13. FIGURE 7-12: BROWN-OUT PROTECTION CIRCUIT 1 FIGURE 7-13: BROWN-OUT PROTECTION CIRCUIT 2 FIGURE 7-14: BROWN-OUT PROTECTION CIRCUIT 3 GPWUF/ RBWUF TO PD Reset Caused By 00 0 WDT wake-up from Sleep 00 u WDT time-out (not from Sleep) 01 0 MCLR wake-up from Sleep 01 1 Power-up 0u u MCLR not during Sleep 11 0 Wake-up from Sleep on pin change Legend: u = unchanged Note 1: The TO, PD and GPWUF/RBWUF bits maintain their status (u) until a Reset occurs. A low-pulse on the MCLR input does not change the TO, PD and GPWUF/RBWUF Status bits. Note 1: This circuit will activate Reset when VDD goes below Vz + 0.7V (where Vz = Zener voltage). 2: Pin must be confirmed as MCLR. 33k 10k 40k(1) VDD MCLR(2) PIC16F505 VDD Q1 PIC12F508 PIC12F509 Note 1: This brown-out circuit is less expensive, although less accurate. Transistor Q1 turns off when VDD is below a certain level such that: 2: Pin must be confirmed as MCLR. VDD • R1 R1 + R2 = 0.7V R2 40k(1) VDD MCLR(2) PIC16F505 R1 Q1 VDD PIC12F508 PIC12F509 Note: This brown-out protection circuit employs Microchip Technology’s MCP809 micro- controller supervisor. There are 7 different trip point selections to accommodate 5V to 3V systems. MCLR PIC16F505 VDD VDD VSS RST MCP809 VDD Bypass Capacitor PIC12F508 PIC12F509 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |