Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52C16LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZT52C16LP
Description  Ultra-Small Leadless Surface Mount Package Ideally Suited for Automated Assembly Processes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C16LP Datasheet(HTML) 1 Page - Diodes Incorporated

  BZT52C16LP Datasheet HTML 1Page - Diodes Incorporated BZT52C16LP Datasheet HTML 2Page - Diodes Incorporated BZT52C16LP Datasheet HTML 3Page - Diodes Incorporated BZT52C16LP Datasheet HTML 4Page - Diodes Incorporated BZT52C16LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZT52C2V4LP - BZT52C39LP
Document number: DS30506 Rev. 18 - 2
1 of 5
www.diodes.com
September 2011
© Diodes Incorporated
BZT52C2V4LP - BZT52C39LP
SURFACE MOUNT ZENER DIODE
Features
•
Ultra-Small Leadless Surface Mount Package
•
Ideally Suited for Automated Assembly Processes
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: X1-DFN1006-2
•
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Marking Information
•
Terminals: Finish
⎯ NiPdAu Over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.001 grams (Approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
(Type Number)-7*
X1-DFN1006-2
3,000/Tape & Reel
(Type Number)-7B**
X1-DFN1006-2
10,000/Tape & Reel
*Add “-7” to the appropriate type number in Electrical Characteristics Table. Example: 6.2V Zener = BZT52C6V2LP-7.
**Add “-7B” to the appropriate type number in Electrical Characteristics Table. Example: 6.2V Zener = BZT52C6V2LP-7B.
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Bottom View
xx = Product Type Marking Code
xx
xx
Top View
Dot Denotes
Cathode Side
Top View
Bar Denotes
Cathode Side
BZT52CxxLP-7
BZT52CxxLP-7B


Similar Part No. - BZT52C16LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C16LP DIODES-BZT52C16LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Micro Commercial Compon...
BZT52C16LP MCC-BZT52C16LP Datasheet
397Kb / 4P
250 mW Zener Diode 2.4 to 39 Volts
BZT52C16LP MCC-BZT52C16LP Datasheet
450Kb / 4P
100 mW Zener Diode 2.4 to 39 Volts
logo
Diodes Incorporated
BZT52C16LP-7 DIODES-BZT52C16LP-7 Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
BZT52C16LPQ DIODES-BZT52C16LPQ Datasheet
428Kb / 5P
LPQ - BZT52C16LPQ SURFACE MOUNT ZENER DIODE
July 2022 Rev. 4 - 2
More results

Similar Description - BZT52C16LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DS30506 VISHAY-DS30506 Datasheet
87Kb / 5P
Ultra-Small Leadless Surface Mount Package
logo
Pan Jit International I...
MMSZ4690TS PANJIT-MMSZ4690TS Datasheet
126Kb / 5P
Ideally Suited for Automated Assembly Processes
logo
HY ELECTRONIC CORP.
1N4448 HY-1N4448 Datasheet
103Kb / 2P
Surface Mount Package Ideally Suited For Automatic Insertion
logo
Yea Shin Technology Co....
MMBD3004C YEASHIN-MMBD3004C Datasheet
437Kb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
logo
DIYI Electronic Technol...
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
SS12 DYELEC-SS12 Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
logo
SHIKUES Electronics
BAS16 SKTECHNOLGY-BAS16 Datasheet
1Mb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
BAS19 SKTECHNOLGY-BAS19 Datasheet
774Kb / 3P
Surface Mount Package Ideally Suited for Automatic Insertion
BAS19W SKTECHNOLGY-BAS19W Datasheet
1Mb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
logo
Shanghai Leiditech Elec...
BAS19 LEIDITECH-BAS19 Datasheet
415Kb / 3P
Surface mount package ideally suited for Automatic insertion
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com