Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTA10-600GP Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTA10-600GP
Description  The BTA10-600GP uses high performance, glass passivated chips.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA10-600GP Datasheet(HTML) 3 Page - STMicroelectronics

  BTA10-600GP Datasheet HTML 1Page - STMicroelectronics BTA10-600GP Datasheet HTML 2Page - STMicroelectronics BTA10-600GP Datasheet HTML 3Page - STMicroelectronics BTA10-600GP Datasheet HTML 4Page - STMicroelectronics BTA10-600GP Datasheet HTML 5Page - STMicroelectronics BTA10-600GP Datasheet HTML 6Page - STMicroelectronics BTA10-600GP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BTA10-600GP
Characteristics
Doc ID 022222 Rev 1
3/7
Table 3.
Gate characteristics (maximum values)
Symbol
Parameter
Value
Unit
PG(AV)
Average gate power dissipation
1
W
PGM
Peak gate power dissipation
tp = 20 µs
10
W
IGM
Peak gate current
tp = 20 µs
4
A
VGM
Peak positive gate voltage
tp = 20 µs
16
V
Table 4.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
60
° C/W
Rth(j-c) DC
Junction to case for DC
4
Rth(j-c) AC
Junction to case for 360° conduction angle (F = 50 Hz)
3
Figure 1.
Maximum rms power dissipation
versus rms on-state current
Figure 2.
Maximum rms power dissipation
and maximum allowable
temperatures (Tamb and Tcase)
F = 50 Hz, curves
are cut off by
(dI/dt)c limitation
For different thermal resistances
heatsink + contact
Figure 3.
On-state rms current versus case
temperature
Figure 4.
Relative variation of thermal
impedance versus pulse duration
1E-3
1E-2
1E-1
1E+0
1E+1
1E +2 5E+2
0.01
0.1
1
Zth/Rth
Zth(j-c)
Zth(j-a)
tp(s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com