Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5560JBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 18Page - Analog Devices AD5560JBCZ Datasheet HTML 19Page - Analog Devices AD5560JBCZ Datasheet HTML 20Page - Analog Devices AD5560JBCZ Datasheet HTML 21Page - Analog Devices AD5560JBCZ Datasheet HTML 22Page - Analog Devices AD5560JBCZ Datasheet HTML 23Page - Analog Devices AD5560JBCZ Datasheet HTML 24Page - Analog Devices AD5560JBCZ Datasheet HTML 25Page - Analog Devices AD5560JBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 22 of 68
STRESS VOLTAGE (V)
TJ = 25°C
–0.20
–0.15
–0.10
–0.05
0.05
0
0.10
0.15
–10
5
0
5
10
EXTFORCE1A
EXTFORCE2B
EXTFORCE1B
EXTMEASIH1
SENSE
EXTFORCE1C
EXTMEASIH2
SYS_FORCE
EXTFORCE2A
EXTMEASIL
SYS_SENSE
Figure 20. Leakage Current vs. Stress Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
EXTFORCE1A
EXTFORCE2B
EXTFORCE1B
EXTMEASIH1
SENSE
EXTFORCE1C
EXTMEASIH2
SYS_FORCE
EXTFORCE2A
EXTMEASIL
SYS_SENSE
25
35
45
55
65
75
85
95
TEMPERATURE (°C)
VSTRESS =9V
Figure 21. Leakage Current vs. Temperature, VSTRESS = 9 V
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
25
35
45
55
65
75
85
TEMPERATURE (°C)
HIGH
HIGH 0.2
NOMINAL
LOW
NOMINAL 0.2
LOW 0.2
HIGH: AVDD = 28V, AVSS = –5V, OFFSET DAC = 0xD1D
LOW : AVDD = 5V, AVSS = –25V OFFSET DAC = 0xD4EB
NOM : AVDD/AVSS = ±16.25V, OFFSET DAC = 0x8000
VREF = 5V
LOW0.2/HIGH0.2/NOM0.2 MEAN FOR MEASOUT GAIN = 0.2
Figure 22. MI Offset Error vs. Temperature, MI Gain = 20,
MEASOUT Gain = 1 and 0.2
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
25
35
45
55
65
75
85
TEMPERATURE (°C)
HIGH
NOMINAL
LOW
Figure 23. MI Positive Gain Error vs. Temperature, MI Gain = 20,
MEASOUT Gain = 1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–2.5
–2.0
–1.5
–1.0
–0.5
0
25
35
45
55
65
75
85
TEMPERATURE (°C)
AVDD = ±16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
Figure 24. FV Gain Error vs. Temperature
20.0
20.5
21.0
21.5
22.0
22.5
23.0
25
35
45
55
65
75
85
TEMPERATURE (°C)
Figure 25. FV Offset Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com