Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRVB540MFS Datasheet(PDF) 1 Page - ON Semiconductor

Part # NRVB540MFS
Description  SWITCHMODE Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVB540MFS Datasheet(HTML) 1 Page - ON Semiconductor

  NRVB540MFS Datasheet HTML 1Page - ON Semiconductor NRVB540MFS Datasheet HTML 2Page - ON Semiconductor NRVB540MFS Datasheet HTML 3Page - ON Semiconductor NRVB540MFS Datasheet HTML 4Page - ON Semiconductor NRVB540MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
June, 2013 − Rev. 0
1
Publication Order Number:
MBR540MFS/D
MBR540MFS, NRVB540MFS
SWITCHMODE
Power Rectifiers
These state−of−the−art devices have the following features:
• Low Power Loss / High Efficiency
• New Package Provides Capability of Inspection and Probe After
Board Mounting
• Guardring for Stress Protection
• Low Forward Voltage
• 175°C Operating Junction Temperature
• NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free and Halide−Free Devices
Mechanical Characteristics:
• Case: Epoxy, Molded
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting SurfaceTemperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current
(Rated VR, TC = 165°C)
IF(AV)
5
A
Peak Repetitive Forward Current,
(Rated VR, Square Wave,
20 kHz, TC = 165°C)
IFRM
10
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load
Conditions Halfwave, Single
Phase, 60 Hz)
IFSM
150
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature
TJ
−40 to +175
°C
Unclamped Inductive Switching
Energy (10 mH Inductor,
Non−repetitive)
EAS
40
mJ
ESD Rating (Human Body Model)
3B
ESD Rating (Machine Model)
M4
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
SCHOTTKY BARRIER
RECTIFIERS
5 AMPERES
40 VOLTS
http://onsemi.com
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
MARKING
DIAGRAM
B540
AYWZZ
A
A
A
Not Used
C
C
1
B540
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
Device
Package
Shipping†
ORDERING INFORMATION
MBR540MFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBR540MFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
NRVB540MFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NRVB540MFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel


Similar Part No. - NRVB540MFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVB540MFS ONSEMI-NRVB540MFS Datasheet
188Kb / 6P
Switch-mode Power Rectifiers
June, 2024 - Rev. 1
NRVB540MFST1G ONSEMI-NRVB540MFST1G Datasheet
188Kb / 6P
Switch-mode Power Rectifiers
June, 2024 - Rev. 1
NRVB540MFST3G ONSEMI-NRVB540MFST3G Datasheet
188Kb / 6P
Switch-mode Power Rectifiers
June, 2024 - Rev. 1
More results

Similar Description - NRVB540MFS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
SWITCHMODE Power Rectifiers
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
SWITCHMODE POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MBR10100MFS ONSEMI-MBR10100MFS Datasheet
68Kb / 4P
SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com