Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRVB540MFS Datasheet(PDF) 4 Page - ON Semiconductor

Part # NRVB540MFS
Description  SWITCHMODE Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVB540MFS Datasheet(HTML) 4 Page - ON Semiconductor

  NRVB540MFS Datasheet HTML 1Page - ON Semiconductor NRVB540MFS Datasheet HTML 2Page - ON Semiconductor NRVB540MFS Datasheet HTML 3Page - ON Semiconductor NRVB540MFS Datasheet HTML 4Page - ON Semiconductor NRVB540MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR540MFS, NRVB540MFS
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
4
3
2
1
0
0
1
2
3
4
6
7
8
Figure 8. Thermal Characteristics
PULSE TIME (sec)
110
0.1
0.01
0.001
0.0001
0.00001
0.000001
0.01
0.1
1
10
100
100
1000
5
TJ = 175°C
Square Wave
DC
IPK/IAV = 5
IPK/IAV = 10
IPK/IAV = 20
50% Duty Cycle
Single Pulse
20%
10%
5%
2%
1%
Assumes 25°C ambient and soldered to
a 600 mm2 − oz copper pad on PCB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com