Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL536APAPT Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 40 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 36Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
The PRESULT_A register holds the parity result bits for the first eight Group3 protected registers.
PARITY_H REGISTER (0x25) (PRESULT_B (R/O))
7
6
5
4
3
2
1
0
0
0
0
0
USER4
USER3
USER2
USER1
The PRESULT_B register holds the parity result bits for the second eight Group3 protected registers.
ADC_CONTROL REGISTER (0x30)
7
6
5
4
3
2
1
0
–
ADC_ON
TS2
TS1
GPAI
CELL_SEL[2]
CELL_SEL[1]
CELL_SEL[0]
The ADC_CONTROL register controls some features of the bq76PL536A.
[7] not implemented. Must be written as 0.
[6] (ADC_ON):
This bit forces the ADC subsystem ON. This has the effect of eliminating internal start-up
and settling delays, but increases current consumption.
0 = Auto mode. ADC subsystem is OFF until a conversion is requested. The ADC is
turned on, a wait is applied to allow the reference to stabilize. Automatically
returns to OFF state at end of requested conversion. Note that there is a start-up
delay associated with turning the ADC to the ON state in this mode.
1 = ADC subsystem is ON, regardless of conversion state. Power consumption is
increased.
[5..4] (TS[1]..[0]):
These two bits select whether any of the temperature sensor inputs are to be measured
on the next conversion sequence start.
TS[1]
TS[0]
Measure T
0
0
None (default)
0
1
TS1
1
0
TS2
1
1
Both
[3] (GPAI):
This bit enables and disables the GPAI input to be measured on the next conversion-
sequence start.
0 = GPAI is not selected for measurement.
1 = GPAI is selected for measurement.
[2–0] (CELL_SEL):
These three bits select the series cells for voltage measurement translation on the next
conversion sequence start.
CELL_SEL[2]
CELL_SEL[1]
CELL_SEL[0]
SELECTED CELL
0
0
0
Cell 1 only
0
0
1
Cells 1-2
0
1
0
Cells 1-2-3
0
1
1
Cells 1-2-3-4
1
0
0
Cells 1-2-3-4-5
1
0
1
Cells 1-2-3-4-5-6
Other
Cell 1 only
40
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com