Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL536APAPT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 45 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 45Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 46Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 47Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 48Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
[0] (CRC_DIS):
This bit enables and disables the automatic generation of the CRC for the SPI
communication packet. The packet size is determined by the host as part of the read
request protocol. The CRC is checked at the deassertion of the CS pin. TI recommends
that this bit be changed using the broadcast address (0x3f) so that all devices in a battery
stack use the same protocol.
0 = A CRC is expected, and generated as the last byte of the packet.
1 = A CRC is not used in communications.
CONFIG_COV REGISTER (0x42)
7
6
5
4
3
2
1
0
DISABLE
–
COV[5]
COV[4]
COV[3]
COV[2]
COV[1]
COV[0]
The CONFIG_COV register determines cell overvoltage threshold voltage.
[7] (DISABLE):
Disables the overvoltage function when set
0 = Overvoltage function enabled
1 = Overvoltage function disabled
[5..0] (COV[5]…[0]):
Configuration bits with corresponding voltage threshold
0x00 = 2 V; each binary increment adds 50 mV until 0x3c = 5 V.
CONFIG_COVT REGISTER (0x43)
7
6
5
4
3
2
1
0
µs/ms
–
–
COVD[4]
COVD[3]
COVD[2]
COVD[1]
COVD[0]
The CONFIG_COVT register determines cell overvoltage detection delay time.
[7] (µs/ms):
Determines the units of the delay time, microseconds or milliseconds
0 = Microseconds
1 = Milliseconds
[4..0] COVD:
0x01 = 100; each binary increment adds 100 until 0x1f = 3100
Note:
When this register is programmed to 0x00, the delay becomes 0s AND the COV state
is NOT latched in the COV_FAULT[] register. In this operating mode, the overvoltage
state for a cell is virtually instantaneous in the COV_FAULT[] register. This mode may
cause system firmware to miss a dangerous cell overvoltage condition.
CONFIG_UV REGISTER (0x44)
7
6
5
4
3
2
1
0
DISABLE
–
–
CUV[4]
CUV[3]
CUV[2]
CUV[1]
CUV[0]
The CUV register determines cell under voltage threshold voltage.
[7] (DISABLE):
Disables the undervoltage function when set
0 = Undervoltage function enabled
1 = Undervoltage function disabled
[5..0] (CUV[4]…[0]):
Configuration bits with corresponding voltage threshold
0x00 = 0.7 V; each binary increment adds 100 mV until 0x1a = 3.3 V.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com