Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9912ABCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices AD9912ABCPZ Datasheet HTML 10Page - Analog Devices AD9912ABCPZ Datasheet HTML 11Page - Analog Devices AD9912ABCPZ Datasheet HTML 12Page - Analog Devices AD9912ABCPZ Datasheet HTML 13Page - Analog Devices AD9912ABCPZ Datasheet HTML 14Page - Analog Devices AD9912ABCPZ Datasheet HTML 15Page - Analog Devices AD9912ABCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD9912
Rev. F | Page 12 of 40
19.85
19.95
20.05
20.15
20.25
20.35
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
20.1MHz
–95dBc
500kHz
300Hz
1kHz
CARRIER:
SFDR:
FREQ. SPAN:
RESOLUTION BW:
VIDEO BW:
Figure 9. Narrow-Band SFDR at 20.1 MHz,
SYSCLK = 1 GHz (SYSCLK PLL Bypassed)
200.85
200.95
201.05
201.15
201.25
201.35
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
201.1MHz
–91dBc
500kHz
300Hz
1kHz
CARRIER:
SFDR:
FREQ. SPAN:
RESOLUTION BW:
VIDEO BW:
Figure 10. Narrow-Band SFDR at 201.1 MHz,
SYSCLK = 1 GHz Wenzel Oscillator (SYSCLK PLL Bypassed)
398.45
398.55
398.65
398.75
398.85
398.95
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
398.7MHz
–86dBc
500kHz
300Hz
1kHz
CARRIER:
SFDR:
FREQ. SPAN:
RESOLUTION BW:
VIDEO BW:
Figure 11. Narrow-Band SFDR at 398.7 MHz,
SYSCLK = 1 GHz Wenzel Oscillator (SYSCLK PLL Bypassed)
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
–160
399MHz
99MHz
RMS JITTER (100Hz TO 40MHz):
99MHz:
399MHz:
413fs
222fs
Figure 12. Absolute Phase Noise Using HSTL Driver,
SYSCLK = 1 GHz Wenzel Oscillator (SYSCLK PLL Bypassed)
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
–160
399MHz
99MHz
RMS JITTER (12kHz TO 20MHz):
99MHz:
399MHz:
0.98ps
0.99ps
Figure 13. Absolute Phase Noise Using HSTL Driver,
SYSCLK = 1 GHz (SYSCLK PLL Driven by Rohde & Schwarz SMA100 Signal
Generator at 83.33 MHz )
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
–160
399MHz
99MHz
RMS JITTER (12kHz TO 20MHz):
99MHz:
399MHz:
1.41ps
1.46ps
Figure 14. Absolute Phase Noise Using HSTL Driver,
SYSCLK = 1 GHz (SYSCLK PLL Driven by Rohde & Schwarz SMA100 Signal
Generator at 25 MHz )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com