Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9912ABCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 21Page - Analog Devices AD9912ABCPZ Datasheet HTML 22Page - Analog Devices AD9912ABCPZ Datasheet HTML 23Page - Analog Devices AD9912ABCPZ Datasheet HTML 24Page - Analog Devices AD9912ABCPZ Datasheet HTML 25Page - Analog Devices AD9912ABCPZ Datasheet HTML 26Page - Analog Devices AD9912ABCPZ Datasheet HTML 27Page - Analog Devices AD9912ABCPZ Datasheet HTML 28Page - Analog Devices AD9912ABCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AD9912
Rev. F | Page 25 of 40
POWER-UP
POWER-ON RESET
On initial power-up, the AD9912 internally generates a 75 ns
RESET pulse. The pulse is initiated when both of the following
two conditions are met:
•
The 3.3 V supply is greater than 2.35 V ± 0.1 V.
•
The 1.8 V supply is greater than 1.4 V ± 0.05 V.
Less than 1 ns after RESET goes high, the S1 to S4 configuration
pins go high impedance and remain high impedance until
RESET is deactivated. This allows strapping and configuration
during RESET.
Because of this reset sequence, external power supply sequenc-
ing is not critical.
DEFAULT OUTPUT FREQUENCY ON POWER-UP
The four status pins (S1 to S4) are used to define the output
frequency of the DDS at power-up even though the I/O registers
have not yet been programmed. At power-up, internal logic
initiates a reset pulse of about 10 ns. During this time, S1 to S4
briefly function as input pins and can be driven externally. Any
logic levels thus applied are transferred to a 4-bit register on the
falling edge of the internally initiated pulse. The same behavior
occurs when the RESET pin is asserted manually.
Setting up S1 to S4 for default DDS startup is accomplished by
connecting a resistor to each pin (either pull-up or pull-down)
to produce the desired bit pattern, yielding 16 possible states
that are used both to address an internal 8 × 16 ROM and to
select the SYSCLK mode (see Table 8). The ROM contains eight
16-bit DDS frequency tuning words (FTWs), one of which is
selected by the state of the S1 to S3 pins. The selected FTW is
transferred to the FTW0 register in the I/O register map
without the need for an I/O update. This ensures that the DDS
generates the selected frequency even if the I/O registers have
not been programmed. The state of the S4 pin selects whether
the internal system clock is generated by means of the internal
SYSCLK PLL multiplier or not (see the SYSCLK Inputs section
for details).
The DDS output frequency listed in Table 8 assumes that
the internal DAC sampling frequency (fS) is 1 GHz. These
frequencies scale 1:1 with fS, meaning that other start-up
frequencies are available by varying the SYSCLK frequency.
At startup, the internal frequency multiplier defaults to 40×
when the Xtal/PLL mode is selected via the status pins.
Table 8. Default Power-Up Frequency Options for 1 GHz
System Clock
Status Pin
SYSCLK
Input Mode
Output Frequency
(MHz)
S4
S3
S2
S1
0
0
0
0
Xtal/PLL
0
0
0
0
1
Xtal/PLL
38.87939
0
0
1
0
Xtal/PLL
51.83411
0
0
1
1
Xtal/PLL
61.43188
0
1
0
0
Xtal/PLL
77.75879
0
1
0
1
Xtal/PLL
92.14783
0
1
1
0
Xtal/PLL
122.87903
0
1
1
1
Xtal/PLL
155.51758
1
0
0
0
Direct
0
1
0
0
1
Direct
38.87939
1
0
1
0
Direct
51.83411
1
0
1
1
Direct
61.43188
1
1
0
0
Direct
77.75879
1
1
0
1
Direct
92.14783
1
1
1
0
Direct
122.87903
1
1
1
1
Direct
155.51758



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com