Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 44 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 44 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 40Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 41Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 42Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 43Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 44Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 45Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 46Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 47Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 48Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-30
Revision 3
Table 2-32 • Summary of I/O Timing Characteristics—Software Default Settings
–1 Speed Grade, Military-Case Conditions: TJ = 125°C, Worst Case VCC = 1.425 V,
Worst Case VCCI
Applicable to Advanced I/O Banks for A3P250 and A3P1000 Only
I/O Standard
3.3 V LVTTL /
3.3 V LVCMOS
12 mA
12 mA
High
5
–
0.54 2.24 0.04 0.95 0.39 2.28 1.70 3.00 3.35 4.38 3.79
3.3 V LVCMOS
Wide Range3
100 µA
12 mA High
5
–
0.54 3.47 0.04 1.44 0.39 3.47 2.57 4.65 5.18 6.64 5.75
2.5 V LVCMOS
12 mA
12 mA High
5
–
0.54 2.26 0.04 1.23 0.39 2.30 1.89 3.09 3.22 4.39 3.99
1.8 V LVCMOS
12 mA
12 mA
High
5
–
0.54 2.49 0.04 1.14 0.39 2.54 2.12 3.46 3.82 4.63 4.21
1.5 V LVCMOS
12 mA
12 mA
High
5
–
0.54 2.85 0.04 1.35 0.39 2.90 2.45 3.69 3.93 4.99 4.55
3.3 V PCI
Per PCI
spec.
High 10
254 0.54 2.51 0.04 0.81 0.39 2.55 1.83 3.00 3.35 4.65 3.92
3.3 V PCI-X
Per PCI-X
spec.
High 10
25 4 0.54 2.51 0.04 0.78 0.39 2.55 1.83 3.00 3.35 4.65 3.92
LVDS
24 mA
High
–
–
0.54 1.76 0.04 1.55
–
–
–
–
–
–
–
LVPECL
24 mA
High
–
–
0.54 1.68 0.04 1.31
–
–
–
–
–
–
–
Notes:
1. Note that 3.3 V LVCMOS wide range is applicable to 100 µA drive strength only. The configuration will not operate at the
equivalent software default drive strength. These values are for normal ranges only.
2. Output delays provided in this table were extracted with an output load indicated in the Capacitive Load column. For a
specific output load, refer to Designer software. Software default load is higher.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
4. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-15 on page 2-73 for
connectivity. This resistor is not required during normal operation.
5. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com