Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 7Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 8Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 9Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 10Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 11Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 12Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 13Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 14Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
1-5
Flash*Freeze Technology††
Military ProASIC3EL devices offer proven Flash*Freeze technology, which enables designers to
instantaneously shut off dynamic power consumption while retaining all SRAM and register information.
Flash*Freeze technology enables the user to quickly (within 1 µs) enter and exit Flash*Freeze mode by
activating the Flash*Freeze (FF) pin while all power supplies are kept at their original values. In addition,
I/Os and global I/Os can still be driven and can be toggling without impact on power consumption; clocks
can still be driven or can be toggling without impact on power consumption; all core registers and SRAM
cells retain their states. I/Os are tristated during Flash*Freeze mode or can be set to a certain state using
weak pull-up or pull-down I/O attribute configuration. No power is consumed by the I/O banks, clocks,
JTAG pins, or PLLs. Flash*Freeze technology allows the user to switch to active mode on demand, thus
simplifying the power management of the device.
The FF pin (active low) can be routed internally to the core to allow the user's logic to decide when it is
safe to transition to this mode. It is also possible to use the FF pin as a regular I/O if Flash*Freeze mode
usage is not planned, which is advantageous because of the inherent low-power static and dynamic
capabilities of the military ProASIC3EL device. Refer to Figure 1-3 for an illustration of entering/exiting
Flash*Freeze mode.
VersaTiles
The military ProASIC3/EL core consists of VersaTiles, which have been enhanced beyond the
ProASICPLUS® core tiles. The military ProASIC3/EL VersaTile supports the following:
•
All 3-input logic functions—LUT-3 equivalent
•
Latch with clear or set
•
D-flip-flop with clear or set
•
Enable D-flip-flop with clear or set
Refer to Figure 1-4 for VersaTile configurations.
††Flash*Freeze technology is not supported for A3P1000.
Figure 1-3 • Military ProASIC3EL Flash*Freeze Mode
Actel ProASIC3EL
FPGA
Flash*Freeze
Mode Control
Flash*Freeze Pin
Figure 1-4 • VersaTile Configurations
X1
Y
X2
X3
LUT-3
Data
Y
CLK
Enable
CLR
D-FF
Data
Y
CLK
CLR
D-FF
LUT-3 Equivalent
D-Flip-Flop with Clear or Set
Enable D-Flip-Flop with Clear or Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com