Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GEC0/IO236NPB6V0 Datasheet(PDF) 128 Page - Microsemi Corporation

Part # GEC0/IO236NPB6V0
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GEC0/IO236NPB6V0 Datasheet(HTML) 128 Page - Microsemi Corporation

Back Button GEC0/IO236NPB6V0 Datasheet HTML 124Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 125Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 126Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 127Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 128Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 129Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 130Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 131Page - Microsemi Corporation GEC0/IO236NPB6V0 Datasheet HTML 132Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-114
Revision 3
Timing Characteristics
Table 2-188 • Combinatorial Cell Propagation Delays
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V for A3PE600L and
A3PE3000L
Combinatorial Cell
Equation
Parameter
–1
Std.
Units
INV
Y = !A
tPD
0.56
0.65
ns
AND2
Y = A · B
tPD
0.65
0.77
ns
NAND2
Y = !(A · B)
tPD
0.65
0.77
ns
OR2
Y = A + B
tPD
0.67
0.79
ns
NOR2
Y = !(A + B)
tPD
0.67
0.79
ns
XOR2
Y = A
Bt
PD
1.02
1.20
ns
MAJ3
Y = MAJ(A , B, C)
tPD
0.97
1.14
ns
XOR3
Y = A
B Ct
PD
1.21
1.42
ns
MUX2
Y = A !S + B S
tPD
0.70
0.82
ns
AND3
Y = A · B · C
tPD
0.78
0.91
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating
values.
Table 2-189 • Combinatorial Cell Propagation Delays
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V for any A3PE600L/A3PE3000L
Combinatorial Cell
Equation
Parameter
–1
Std.
Units
INV
Y = !A
tPD
0.43
0.50
ns
AND2
Y = A · B
tPD
0.50
0.59
ns
NAND2
Y = !(A · B)
tPD
0.50
0.59
ns
OR2
Y = A + B
tPD
0.51
0.61
ns
NOR2
Y = !(A + B)
tPD
0.51
0.61
ns
XOR2
Y = A
Bt
PD
0.78
0.92
ns
MAJ3
Y = MAJ(A , B, C)
tPD
0.74
0.87
ns
XOR3
Y = A
B Ct
PD
0.93
1.09
ns
MUX2
Y = A !S + B S
tPD
0.54
0.63
ns
AND3
Y = A · B · C
tPD
0.59
0.70
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com