Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1197CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1197CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1197CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1197CS8 Datasheet HTML 3Page - Linear Technology LTC1197CS8 Datasheet HTML 4Page - Linear Technology LTC1197CS8 Datasheet HTML 5Page - Linear Technology LTC1197CS8 Datasheet HTML 6Page - Linear Technology LTC1197CS8 Datasheet HTML 7Page - Linear Technology LTC1197CS8 Datasheet HTML 8Page - Linear Technology LTC1197CS8 Datasheet HTML 9Page - Linear Technology LTC1197CS8 Datasheet HTML 10Page - Linear Technology LTC1197CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1197/LTC1197L
LTC1199/LTC1199L
Supply Current
vs Sampling Frequency
Supply Current vs Clock Rate*
FREQUENCY (kHz)
10
8
10
12
14
16
100
1000
10000
1197/99 G01
6
4
2
0
18
20
VCC = 9V
VCC = 5V
VCC = 2.7V
SAMPLING FREQUENCY (kHz)
0.01
100
1000
10000
100
1197/99 G03
10
1
0.1
0.1
1
10
1000
VCC = 5V
fCLK = 7.2MHz
VCC = 2.7V
fCLK = 3.5MHz
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
1
0
8
10
12
56789
1197/99 G02
6
4
0
2
3
4
2
16
14
40
50
60
30
20
0
10
80
70
SHUTDOWN
MODE
ACTIVE
MODE
fCLK = 3.5MHz
TA = 25°C
CODE
0
–1.0
– 0.5
0
0.5
1.0
128 256 384 512
1197/99 G04
640 768 896 1024
VCC = VREF = 5V
fCLK = 7.2MHz
TA = 25°C
INL Plot
FREQUENCY (kHz)
0
–40
–20
–30
–10
0
1197/99 G06
–60
–80
–50
–70
–90
–100
50
100
150
200
250
fSMPL = 500kHz
fIN = 97.045898kHz
LTC1197 4096 Point FFT
FREQUENCY (kHz)
1
4
5
6
7
8
10
100
1000
1197/99 G07
3
2
1
0
9
10
VCC = 2.7V
fSMPL = 250kHz
VCC = 5V
fSMPL = 500kHz
ENOBs vs Frequency
Intermodulation Distortion Plot
*Part is continuously sampling, spending only a minimum amount of time in shutdown.
FREQUENCY (kHz)
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
–10
0
1197/99 G09
50
100
150
200
250
fSMPL = 500kHz
fIN1 = 97.045898kHz
fIN2 = 102.905273kHz
CODE
0
–1.0
– 0.5
0
0.5
1.0
128 256 384 512
1197/99 G26
640 768 896 1024
VCC = VREF = 5V
fCLK = 7.2MHz
TA = 25°C
DNL Plot
THD vs Frequency
FREQUENCY (kHz)
10
0
100
1000
1197/99 G08
–10
–20
–30
–40
–50
–60
–70
–80
TA = 25°C
VCC = 2.7V
fSMPL = 250kHz
VCC = 5V
fSMPL = 500kHz
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com