Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1197CS8 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1197CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1197CS8 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1197CS8 Datasheet HTML 20Page - Linear Technology LTC1197CS8 Datasheet HTML 21Page - Linear Technology LTC1197CS8 Datasheet HTML 22Page - Linear Technology LTC1197CS8 Datasheet HTML 23Page - Linear Technology LTC1197CS8 Datasheet HTML 24Page - Linear Technology LTC1197CS8 Datasheet HTML 25Page - Linear Technology LTC1197CS8 Datasheet HTML 26Page - Linear Technology LTC1197CS8 Datasheet HTML 27Page - Linear Technology LTC1197CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1197/LTC1197L
LTC1199/LTC1199L
©LINEAR TECHNOLOGY CORPORATION 1997
11979fa LT/LCG 0301 2K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
8-Bit, Pin Compatible Serial Output ADCs
LTC1096/LTC1096L
33kHz/15kHz
0.5mW*
1-Channel, Unipolar Operation with Reference Input, 5V/3V
LTC1098/LTC1098L
33kHz/15kHz
0.6mW*
2-Channel, Unipolar Operation, 5V/3V
LTC1196
1MHz/383kHz
20mW
1-Channel, Unipolar Operation with Reference Input, 5V/3V
LTC1198
750kHz/287kHz
20mW*
2-Channel, Unipolar Operation, 5V/3V
10-Bit Serial I/O ADCs
LTC1090
25kHz
5mW
8-Channel, Bipolar or Unipolar Operation, 5V
LTC1091
30kHz
7.5mW
2-Channel, Unipolar Operation, 5V
LTC1092
35kHz
5mW
2-Channel, Unipolar Operation with Reference Input, 5V
LTC1093
25kHz
5mW
6-Channel, Bipolar or Unipolar Operation, 5V
LTC1094
25kHz
5mW
8-Channel, Bipolar or Unipolar Operation, 5V
LTC1283
15kHz
0.5mW
8-Channel, Bipolar or Unipolar Operation, 3V
12-Bit Serial I/O ADCs
LTC1285/LTC1288
7.5kHz/6.6kHz
0.4mW/0.6mW*
1-Channel with Reference (LTC1285), 2-Channel (LTC1288), 3V
LTC1286/LTC1298
12.5kHz/11.1kHz
1.3mW/1.7mW*
1-Channel with Reference (LTC1286), 2-Channel (LTC1298), 5V
LTC1287
30kHz
3mW
1-Channel, Unipolar Operation, 3V
LTC1289
33kHz
3mW
8-Channel, Bipolar or Unipolar Operation, 3V
LTC1290
50kHz
30mW
8-Channel, Bipolar or Unipolar Operation, 5V
LTC1291
54kHz
30mW
2-Channel, Unipolar Operation, 5V
LTC1292
60kHz
30mW
1-Channel, Unipolar Operation, 5V
LTC1293
46kHz
30mW
6-Channel, Bipolar or Unipolar Operation, 5V
LTC1294
46kHz
30mW
8-Channel, Bipolar or Unipolar Operation, 5V
LTC1296
46kHz
30mW
8-Channel, Bipolar or Unipolar Operation, 5V
LTC1297
50kHz
30mW
1-Channel, Unipolar Operation, 5V
LTC1400
400kHz
75mW**
1-Channel, Bipolar or Unipolar Operation, Internal Reference, 5V
LTC1594/LTC1594L
20kHz/12.5kHz
1.6mW/0.5mW*
4-Channel, Unipolar Operation, 5V/3V
LTC1598/LTC1598L
20kHz/12.5kHz
1.6mW/0.5mW*
8-Channel, Unipolar Operation, 5V/3V
PART NUMBER
DESCRIPTION
COMMENTS
Low Power References
LT1004
Micropower Voltage Reference
0.3% Max, 20ppm/
°C Typ, 10µA Max
LT1019
Precision Bandgap Reference
0.05% Max, 5ppm/
°C Max
LT1236
Precision Low Noise Reference
0.05% Max, 5ppm/
°C Max, SO Package
LT1460-2.5
Micropower Precision Series Reference
0.075% Max, 10ppm/
°C Max, 130µA Max, SO Package
LT1634
Micropower Precision Reference
0.05% Max, 25ppm/
°C Max, 7µA Max, MSOP Package
*These devices have auto shutdown which reduces power dissipation
linearly as sample rate is reduced from fSMPL(MAX).
**Has nap and sleep shutdown modes.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com