Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2970CUFD Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2970CUFD Datasheet HTML 21Page - Linear Technology LTC2970CUFD Datasheet HTML 22Page - Linear Technology LTC2970CUFD Datasheet HTML 23Page - Linear Technology LTC2970CUFD Datasheet HTML 24Page - Linear Technology LTC2970CUFD Datasheet HTML 25Page - Linear Technology LTC2970CUFD Datasheet HTML 26Page - Linear Technology LTC2970CUFD Datasheet HTML 27Page - Linear Technology LTC2970CUFD Datasheet HTML 28Page - Linear Technology LTC2970CUFD Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LTC2970/LTC2970-1
25
29701fc
OPERATIO
Table 7. LTC2970 ADC Conversion and Fault Limit Registers
INPUT CHANNEL
ADC_MON()
CONTROL BIT
ADC RESULT REGISTER
(2s COMPLEMENT)
OV FAULT REGISTER
(2s COMPLEMENT)
UV FAULT REGISTER
(2s COMPLEMENT)
TEMPERATURE
Adc_mon_temp
Temp_adc[14:0]
-
-
VIN1_BP-VIN1_BM
Adc_mon_b_ch1
Ch1_b_adc[14:0]
Ch1_b_ov[14:0]
Ch1_b_uv[14:0]
VIN1_AP-VIN1_AM
Adc_mon_a_ch1
Ch1_a_adc[14:0]
Ch1_a_ov[14:0]
Ch1_a_uv[14:0]
VIN0_BP-VIN0_BM
Adc_mon_b_ch0
Ch0_b_adc[14:0]
Ch0_b_ov[14:0]
Ch0_b_uv[14:0]
VIN0_AP-VIN0_AM
Adc_mon_a_ch0
Ch0_a_adc[14:0]
Ch0_a_ov[14:0]
Ch0_a_uv[14:0]
12VIN
Adc_mon_v12
V12_adc[14:0]
V12_ov[14:0]
V12_uv[14:0]
VDD
Adc_mon_vdd
Vdd_adc[14:0]
Vdd_ov[14:0]
Vdd_uv[14:0]
reset each time the result register is read. This provides a
simple mechanism for supervisory software to determine
if a new conversion has been completed since data was
last read.
Rules:
The LTC2970 assigns priority to ADC conversions of
CH1_A_ADC and CH0_A_ADC when these channels are
in their initial fast servo mode.
The IO() register control bit Io_i2c_adc_wen must be low
in order for ADC conversions to be performed.
LTC2970-1 Only: ADC conversions are suspended during
any pending tracking requests.
16. Generating and Monitoring Instantaneous Faults
The LTC2970 supports fourteen different types of instan-
taneous faults. These faults together with the conditions
that trigger them are defined in Table 8. There are six
under-voltage faults, six over-voltage faults and two IDAC
limit faults. The FAULT() command may be used to read
the status of all instantaneous fault bits. The IO() com-
mand may be used to configure GPIO_0 and GPIO_1 to
view voltage limit and IDAC faults respectively. The state
of GPIO_0 and GPIO_1 may be read using IO().
Table 8. LTC2970 Fault Reporting Bits and Conditions
CONDITION THAT GENERATES AN
INSTANTANEOUS FAULT
FAULT()
INSTANTANEOUS FAULT REPORTING
FAULT_EN()
ENABLE FOR LATCHED FAULT REPORTING
FAULT_LA()
LATCHED FAULT REPORTING
V12_adc[14:0] < V12_uv[14:0]
Fault_v12_uv
Fault_en_v12_uv
Fault_la_v12_uv
V12_adc[14:0] > V12_ov[14:0]
Fault_v12_ov
Fault_en_v12_ov
Fault_la_v12_ov
Vdd_adc[14:0] < Vdd_uv[14:0]
Fault_vdd_uv
Fault_en_vdd_uv
Fault_la_vdd_uv
Vdd_adc[14:0] > Vdd_ov[14:0]
Fault_vdd_ov
Fault_en_vdd_ov
Fault_la_vdd_ov
Ch1_b_adc[14:0] < Ch1_b_uv[14:0]
Fault_ch1_b_uv
Fault_en_ch1_b_uv
Fault_la_ch1_b_uv
Ch1_b_adc[14:0] > Ch1_b_ov[14:0]
Fault_ch1_b_ov
Fault_en_ch1_b_ov
Fault_la_ch1_b_ov
Idac_a_ch1[7:0] = 8’ff or 8’h00
Fault_ch1_a_idac
Fault_en_ch1_a_idac
Fault_la_ch1_a_idac
Ch1_a_adc[14:0] < Ch1_a_uv[14:0]
Fault_ch1_a_uv
Fault_en_ch1_a_uv
Fault_la_ch1_a_uv
Ch1_a_adc[14:0] > Ch1_a_ov[14:0]
Fault_ch1_a_ov
Fault_en_ch1_a_ov
Fault_la_ch1_a_ov
Ch0_b_adc[14:0] < Ch0_b_uv[14:0]
Fault_ch0_b_uv
Fault_en_ch0_b_uv
Fault_la_ch0_b_uv
Ch0_b_adc[14:0] > Ch0_b_ov[14:0]
Fault_ch0_b_ov
Fault_en_ch0_b_ov
Fault_la_ch0_b_ov
Idac_a_ch0[7:0] = 8’ff or 8’h00
Fault_ch0_a_idac
Fault_en_ch0_a_idac
Fault_la_ch0_a_idac
Ch0_a_adc[14:0] < Ch0_a_uv[14:0]
Fault_ch0_a_uv
Fault_en_ch0_a_uv
Fault_la_ch0_a_uv
Ch0_a_adc[14:0] > Ch0_a_ov[14:0]
Fault_ch0_a_ov
Fault_en_ch0_a_ov
Fault_la_ch0_a_ov



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com