Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2970CUFD Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2970CUFD
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2970CUFD Datasheet HTML 28Page - Linear Technology LTC2970CUFD Datasheet HTML 29Page - Linear Technology LTC2970CUFD Datasheet HTML 30Page - Linear Technology LTC2970CUFD Datasheet HTML 31Page - Linear Technology LTC2970CUFD Datasheet HTML 32Page - Linear Technology LTC2970CUFD Datasheet HTML 33Page - Linear Technology LTC2970CUFD Datasheet HTML 34Page - Linear Technology LTC2970CUFD Datasheet HTML 35Page - Linear Technology LTC2970CUFD Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
LTC2970/LTC2970-1
34
29701fc
Q1
TP0610K
OUT
FB
R10
R20
RSENSE
0.1
μF
0.1
μF
I2C BUS
LOAD
DC/DC
CONVERTER
VIN
VEE
GND
R20
R10
29701 F05
1/2 LTC2970
ALERT
SCL
SDA
REF
12VIN
GND ASEL0 ASEL1
VDD
VIN0_BP
VIN0_BM
VIN0_AP
IOUT0
VIN0_AM
8V TO 15V
0.1
μF
VOUT = VDD –
(1+R30
R40
) V
IN0_AP – VIN0_AM
•
(
)
Figure 4 shows the DC/DC converter output voltages for
this design example tracking-up and tracking-down.
Temperature Sensor Conversion
The LTC2970's internal temperature sensor output is
proportional to absolute temperature (PTAT). In order to
convert the ADC reading to degress Celsius, apply the
following formula:
result C
ADC temp sensor reading
()
__
_
.
°=
−
4
273 15
(21)
Negative Power Supply Application Circuit
Figure 5 shows the LTC2970 controlling a negative power
supply. The R30/R40 resistor divider translates the point
of load voltage to the LTC2970’s VIN0_A inputs while the
VIN0_B inputs monitor the converter’s input current I • R
drop across resistor RSENSE. Since the VDD pin voltage
is monitored by the LTC2970, its tolerance can be ac-
counted for when calculating the point of load voltage.
Transistor Q1 allows the IOUT0 pin to force current into
the converter’s feedback node without forward biasing
the LTC2970’s IOUT0 body diode. Note that IOUT0’s output
current defaults to 128μA after the LTC2970 comes out
of power-on reset.
15-Bit Programmable Power Supply Application
Circuit
Figure 6 illustrates how both servo channels of the LTC2970
can be configured to adjust a single DC/DC converter over
a 15-bit dynamic range. R30 and R31 are sized to force
1 bit of overlap between the coarse (channel 0) and fine
(channel 1) servo loops. One coarse servo iteration should
be performed first on channel 0 with IDAC1 programmed
to mid-scale, and then channel 1 can be programmed to
servo to the desired voltage.
Programmable Reference Application Circuit
Figure 7 shows a LTC2970 configured as a program-
mable reference that can span a 0V to 3.5V range with
a resolution of 100μV and an absolute accuracy of less
than ±0.5%. The two IDAC’s are paralleled by terminating
IDAC1’s output resistor in the VOUT0 output and taking the
output of the composite DAC from VOUT1. IDAC0 should
servo once with IDAC1 set to mid-scale, and then IDAC1
can servo once, continuously, or trigger on drift to the
desired target voltage.
Figure 4. Tracking Design Example DC/DC
Converter Output Waveforms
APPLICATIO S I FOR ATIO
Figure 5. Negative Power Supply Application Circuit
Figure 6. Programmable Power Supply Application Circuit
0
0.3
0.9
1.2
1.5
2.7
29701 F04
0.6
5ms/DIV
1.8
2.1
2.4
VDC1
VDC0
OUT
FB
R40
R10
R20
R30
0.1
μF
0.1
μF
I2C BUS
LOAD
DC/DC
CONVERTER
SGND
29701 F06
R31
R31
≥ R30 • 128
R41 = R40
RUN/SS
IN
VIN
LTC2970
ALERT
SCL
SDA
GPIO_0
REF
12VIN
GND
GND
ASEL0 ASEL1
VDD
GPIO_CFG
VOUT1
VIN1_AP
VIN0_AP
VIN1_AM
VOUT0
IOUT0
R41
IOUT1
VIN0_AM
CLOAD
+
8V TO 15V
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com