Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4154BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4154BCPZ
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4154BCPZ Datasheet HTML 4Page - Analog Devices ADF4154BCPZ Datasheet HTML 5Page - Analog Devices ADF4154BCPZ Datasheet HTML 6Page - Analog Devices ADF4154BCPZ Datasheet HTML 7Page - Analog Devices ADF4154BCPZ Datasheet HTML 8Page - Analog Devices ADF4154BCPZ Datasheet HTML 9Page - Analog Devices ADF4154BCPZ Datasheet HTML 10Page - Analog Devices ADF4154BCPZ Datasheet HTML 11Page - Analog Devices ADF4154BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4154
Data Sheet
Rev. C | Page 8 of 24
RSET VALUE (kΩ)
–80
–85
–110
0
35
30
25
20
15
10
5
–90
–95
–105
–100
Figure 11. Phase Noise vs. RSET
TEMPERATURE (°C)
–90
–94
–104
–60
100
–40
–20
0
20
40
60
–96
–98
–92
–102
–100
80
Figure 12. Phase Noise vs. Temperature
TIME (µs)
110
0
10
20
30
40
50
60
70
80
90
100
1.700
1.696
1.692
1.688
1.684
1.680
1.676
1.672
1.668
1.664
1.660
1.656
1.652
1.648
1.644
1.640
LOCK TIME IN FAST-LOCK MODE
(FAST COUNTER = 150)
LOCK TIME IN NORMAL MODE
LOW SPUR MODE:
1649.7MHz TO 1686.8MHz
FINAL LOOP BANDWIDTH = 60kHz
Figure 13. Frequency vs. Lock Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com