Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4154BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4154BCPZ
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4154BCPZ Datasheet HTML 5Page - Analog Devices ADF4154BCPZ Datasheet HTML 6Page - Analog Devices ADF4154BCPZ Datasheet HTML 7Page - Analog Devices ADF4154BCPZ Datasheet HTML 8Page - Analog Devices ADF4154BCPZ Datasheet HTML 9Page - Analog Devices ADF4154BCPZ Datasheet HTML 10Page - Analog Devices ADF4154BCPZ Datasheet HTML 11Page - Analog Devices ADF4154BCPZ Datasheet HTML 12Page - Analog Devices ADF4154BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADF4154
Rev. C | Page 9 of 24
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 14. While the
device is operating, usually SW1 and SW2 are closed switches
and SW3 is open. When a power-down is initiated, SW3 is
closed and SW1 and SW2 are opened. This ensures that the
REFIN pin is not loaded while the device is powered down.
BUFFER
TO R COUNTER
REFIN
100kΩ
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
Figure 14. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 15. It is followed by a
two-stage limiting amplifier to generate the current mode logic
(CML) clock levels needed for the prescaler.
BIAS
GENERATOR
1.6V
AGND
AVDD
2kΩ
2kΩ
RFINB
RFINA
Figure 15. RF Input Stage
RF INT DIVIDER
The RF INT CMOS counter allows a division ratio in the PLL
feedback counter. Division ratios from 31 to 511 are allowed.
THIRD ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
MOD
REG
INT
REG
RF N-DIVIDER
N = INT + FRAC/MOD
FROM RF
INPUT STAGE
TO PFD
N COUNTER
Figure 16. A and B Counters
INT, FRAC, MOD, AND R RELATIONSHIP
The INT, FRAC, and MOD values, in conjunction with the
R-counter, enable generating output frequencies that are spaced by
fractions of the PFD. See the RF Synthesizer: A Worked Example
section for more information. The RF VCO frequency (RFOUT)
equation is
(
)
(
)
MOD
FRAC
INT
F
RF
PFD
OUT
+
×
=
(1)
where RFOUT is the output frequency of the external voltage-
controlled oscillator (VCO).
(
) R
D
REF
F
IN
PFD
+
×
=
1
(2)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit.
R is the preset divide ratio of binary 4-bit programmable
reference counter (1 to 15).
INT is the preset divide ratio of binary 9-bit counter (31 to 511).
MOD is the preset modulus ratio of binary 12-bit program-
mable FRAC counter (2 to 4095).
FRAC is the preset fractional ratio of binary 12-bit
programmable FRAC counter (0 to MOD-1).
R-COUNTER
The 4-bit R-counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the PFD. Division ratios from 1 to 15 are allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R-counter and N-counter and
produces an output proportional to the phase and frequency
difference between them. Figure 17 is a simplified schematic.
The PFD includes a fixed delay element that sets the width of
the antibacklash pulse, which is typically 3 ns. This pulse
ensures that there is no dead zone in the PFD transfer function
and gives a consistent reference spur level.
U3
CLR2
Q2
D2
U2
DOWN
UP
HI
HI
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 17. PFD Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com