Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1802DBRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1802DBRG4
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DBRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1802DBRG4 Datasheet HTML 2Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 3Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 4Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 5Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 6Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 7Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 8Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 9Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTER
Digital Filter—Decimation Filter Frequency Response
Frequency [
× fS]
−200
−150
−100
−50
0
50
0
8
16
24
32
40
48
56
64
Oversampling Ratio = y128
G001
Frequency [
× fS]
−200
−150
−100
−50
0
50
0
8
16
24
32
Oversampling Ratio = y64
G002
Frequency [
× fS]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.00
0.25
0.50
0.75
1.00
Oversampling
Ratio = y128 and y64
G003
Frequency [
× fS]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Oversampling
Ratio = y128 and y64
G004
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
AMPLITUDE
AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 1. Overall Characteristics
Figure 2. Overall Characteristics
AMPLITUDE
AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 3. Stop-Band Attenuation Characteristics
Figure 4. Pass-Band Ripple Characteristics
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 44.1 kHz, system clock = 384 fS,
oversampling ratio =
×128, 24-bit data, unless otherwise noted.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com