Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1802DBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1802DBRG4
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1802DBRG4 Datasheet HTML 1Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 2Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 3Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 4Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 5Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 6Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 7Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 8Page - Texas Instruments PCM1802DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
SINGLE-ENDED ANALOG-INPUT
24-BIT, 96-kHz STEREO A/D CONVERTER
•
AV Amplifier Receiver
•
24-Bit Delta-Sigma Stereo A/D Converter
•
MD Player
•
Single-Ended Voltage Input: 3 V p-p
•
CD Recorder
•
Antialiasing Filter Included
•
Multitrack Receiver
•
Oversampling Decimation Filter
•
Electric Musical Instrument
– Oversampling Frequency:
×64, ×128
– Pass-Band Ripple:
±0.05 dB
– Stop-Band Attenuation: –65 dB
The PCM1802 is a high-performance, low-cost,
– On-Chip High-Pass Filter (HPF): 0.84 Hz
single-chip stereo analog-to-digital converter with
(44.1 kHz)
single-ended analog voltage input. The PCM1802
uses a delta-sigma modulator with 64- or 128-times
•
High Performance
oversampling, and includes a digital decimation filter
– THD+N: 96 dB (Typical)
and high-pass filter (HPF), which removes the dc
– SNR: 105 dB (Typical)
component of the input signal. For various appli-
– Dynamic Range: 105 dB (Typical)
cations, the PCM1802 supports master and slave
modes and four data formats in serial interface. The
•
PCM Audio Interface
PCM1802 is suitable for a wide variety of cost-
– Master/Slave Mode Selectable
sensitive consumer applications where good perform-
– Data Formats: 24-Bit Left-Justified; 24-Bit
ance, 5-V analog supply, and 3.3-V digital supply
I
2S; 20-, 24-Bit Right-Justified
operation is required. The PCM1802 is fabricated
using a highly advanced CMOS process and is
•
Sampling Rate: 16 kHz to 96 kHz
available in the DB 20-pin SSOP package.
•
System Clock: 256 fS, 384 fS, 512 fS, 768 fS
•
Dual Power Supplies: 5 V for Analog, 3.3 V for
Digital
•
Package: 20-Pin SSOP
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1802DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802DBRG4.B TI2-PCM1802DBRG4.B Datasheet
890Kb / 35P
PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
REVISED DECEMBER 2016
More results

Similar Description - PCM1802DBRG4

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com