Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKT1813-422-014-R Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  DC Film Capacitors MKT Axial Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKT1813-422-014-R Datasheet HTML 4Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 5Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 6Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 10Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 11Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MKT1813
www.vishay.com
Vishay Roederstein
Revision: 04-Jul-13
8
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHARACTERISTICS
Nominal voltage (AC and DC) as a function of temperature
U = f(TA), TLL  TA  TUL
Capacitance as a function of temperature
C/C = f(T
A), TLL  TA  TUL
Capacitance as function of frequency
C/C = f(f), 100 Hz  f  1 MHz
Dissipation factor as function of temperature
tan /tan  = f(T
A), TLL  TA  TUL
Insulation resistance as a function of temperature
Ris = f(TA), TLL  TA  TUL
Dissipation factor as a function of frequency
tan /tan  = f(f), 100 Hz  f  1 MHz
L
1.2
1.0
0.8
0.6
0.4
0.2
0.0
- 60
- 20
20
60
100
T
amb (°C)
12
10
8
6
4
2
0
- 2
- 4
- 6
- 8
- 60
- 40
- 20
0
20
40
60
80
100
120
140
T
amb (°C)
Capacitance vs. Temperature
ΔC/C = f (ϑ)
ΔC
C
= f (f)
2
1
0
- 1
- 2
- 3
- 5
- 4
- 6
f (Hz)
Capacitance Change vs. Frequency
10
2
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
12
10
8
6
4
2
0
T
amb (°C)
- 60
- 40
- 20
0
20
40
60
80
100
120
140
16
14
Dissipation Factor (1 kHz) vs. Temperature tan
δ = f (ϑ)
T
amb (°C)
10
5
10
3
10
2
10
1
10
0
10
4
20
40
60
80
100
125
100
7
5
3
2
10
7
5
3
2
1
7
5
3
2
0.1
f (Hz)
Dissipation Factor vs. Frequency tan
δ = f (f)
10
2
2
3
5 7 10
3
2
3
5
7 10
4
2
3
5 7 10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com