Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877 Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F877
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 39Page - Microchip Technology PIC16F877 Datasheet HTML 40Page - Microchip Technology PIC16F877 Datasheet HTML 41Page - Microchip Technology PIC16F877 Datasheet HTML 42Page - Microchip Technology PIC16F877 Datasheet HTML 43Page - Microchip Technology PIC16F877 Datasheet HTML 44Page - Microchip Technology PIC16F877 Datasheet HTML 45Page - Microchip Technology PIC16F877 Datasheet HTML 46Page - Microchip Technology PIC16F877 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 218 page
background image
 2001 Microchip Technology Inc.
DS30292C-page 41
PIC16F87X
4.0
DATA EEPROM AND FLASH
PROGRAM MEMORY
The Data EEPROM and FLASH Program Memory are
readable and writable during normal operation over the
entire VDD range. These operations take place on a sin-
gle byte for Data EEPROM memory and a single word
for Program memory. A write operation causes an
erase-then-write operation to take place on the speci-
fied byte or word. A bulk erase operation may not be
issued from user code (which includes removing code
protection).
Access to program memory allows for checksum calcu-
lation. The values written to program memory do not
need to be valid instructions. Therefore, up to 14-bit
numbers can be stored in memory for use as calibra-
tion parameters, serial numbers, packed 7-bit ASCII,
etc. Executing a program memory location containing
data that form an invalid instruction, results in the exe-
cution of a NOP instruction.
The EEPROM Data memory is rated for high erase/
write cycles (specification D120). The FLASH program
memory is rated much lower (specification D130),
because EEPROM data memory can be used to store
frequently updated values. An on-chip timer controls
the write time and it will vary with voltage and tempera-
ture, as well as from chip to chip. Please refer to the
specifications for exact limits (specifications D122 and
D133).
A byte or word write automatically erases the location
and writes the new value (erase before write). Writing
to EEPROM data memory does not impact the opera-
tion of the device. Writing to program memory will
cease the execution of instructions until the write is
complete. The program memory cannot be accessed
during the write. During the write operation, the oscilla-
tor continues to run, the peripherals continue to func-
tion and interrupt events will be detected and
essentially “queued” until the write is complete. When
the write completes, the next instruction in the pipeline
is executed and the branch to the interrupt vector will
take place, if the interrupt is enabled and occurred dur-
ing the write.
Read and write access to both memories take place
indirectly through a set of Special Function Registers
(SFR). The six SFRs used are:
• EEDATA
• EEDATH
• EEADR
• EEADRH
• EECON1
• EECON2
The EEPROM data memory allows byte read and write
operations without interfering with the normal operation
of the microcontroller. When interfacing to EEPROM
data memory, the EEADR register holds the address to
be accessed. Depending on the operation, the EEDATA
register holds the data to be written, or the data read, at
the address in EEADR. The PIC16F873/874 devices
have 128 bytes of EEPROM data memory and there-
fore, require that the MSb of EEADR remain clear. The
EEPROM data memory on these devices do not wrap
around to 0, i.e., 0x80 in the EEADR does not map to
0x00. The PIC16F876/877 devices have 256 bytes of
EEPROM data memory and therefore, uses all 8-bits of
the EEADR.
The FLASH program memory allows non-intrusive
read access, but write operations cause the device to
stop executing instructions, until the write completes.
When
interfacing
to
the
program
memory,
the
EEADRH:EEADR registers form a two-byte word,
which holds the 13-bit address of the memory location
being
accessed.
The
register
combination
of
EEDATH:EEDATA holds the 14-bit data for writes, or
reflects the value of program memory after a read oper-
ation. Just as in EEPROM data memory accesses, the
value of the EEADRH:EEADR registers must be within
the valid range of program memory, depending on the
device: 0000h to 1FFFh for the PIC16F873/874, or
0000h to 3FFFh for the PIC16F876/877. Addresses
outside of this range do not wrap around to 0000h (i.e.,
4000h does not map to 0000h on the PIC16F877).
4.1
EECON1 and EECON2 Registers
The EECON1 register is the control register for config-
uring and initiating the access. The EECON2 register is
not a physically implemented register, but is used
exclusively in the memory write sequence to prevent
inadvertent writes.
There are many bits used to control the read and write
operations to EEPROM data and FLASH program
memory. The EEPGD bit determines if the access will
be a program or data memory access. When clear, any
subsequent operations will work on the EEPROM data
memory. When set, all subsequent operations will
operate in the program memory.
Read operations only use one additional bit, RD, which
initiates the read operation from the desired memory
location. Once this bit is set, the value of the desired
memory location will be available in the data registers.
This bit cannot be cleared by firmware. It is automati-
cally cleared at the end of the read operation. For
EEPROM data memory reads, the data will be avail-
able in the EEDATA register in the very next instruction
cycle after the RD bit is set. For program memory
reads,
the
data
will
be
loaded
into
the
EEDATH:EEDATA registers, following the second
instruction after the RD bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com