Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877 Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F877
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 92Page - Microchip Technology PIC16F877 Datasheet HTML 93Page - Microchip Technology PIC16F877 Datasheet HTML 94Page - Microchip Technology PIC16F877 Datasheet HTML 95Page - Microchip Technology PIC16F877 Datasheet HTML 96Page - Microchip Technology PIC16F877 Datasheet HTML 97Page - Microchip Technology PIC16F877 Datasheet HTML 98Page - Microchip Technology PIC16F877 Datasheet HTML 99Page - Microchip Technology PIC16F877 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 218 page
background image
PIC16F87X
DS30292C-page 94
 2001 Microchip Technology Inc.
9.3
Connection Considerations for
I2C Bus
For standard-mode I2C bus devices, the values of
resistors Rp and Rs in Figure 9-27 depend on the fol-
lowing parameters:
• Supply voltage
• Bus capacitance
• Number of connected devices
(input current + leakage current)
The supply voltage limits the minimum value of resistor
Rp, due to the specified minimum sink current of 3 mA at
VOL max = 0.4V, for the specified output stages. For
example, with a supply voltage of VDD = 5V±10% and
VOL max = 0.4V at 3 mA, Rp min = (5.5-0.4)/0.003 = 1.7 kΩ.
VDD as a function of Rp is shown in Figure 9-27. The
desired noise margin of 0.1VDD for the low level limits
the maximum value of Rs. Series resistors are optional
and used to improve ESD susceptibility.
The bus capacitance is the total capacitance of wire,
connections, and pins. This capacitance limits the max-
imum value of Rp due to the specified rise time
(Figure 9-27).
The SMP bit is the slew rate control enabled bit. This bit
is in the SSPSTAT register, and controls the slew rate
of the I/O pins when in I2C mode (master or slave).
FIGURE 9-27:
SAMPLE DEVICE CONFIGURATION FOR I2C BUS
Rp
Rp
VDD + 10%
SDA
SCL
DEVICE
Cb=10 - 400 pF
Rs
Rs
Note: I2C devices with input levels related to VDD must have one common supply line to which the pull-up resistor is also
connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com