| Electronic Components Datasheet Search |
|
PIC16F877 Datasheet(PDF) 104 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877 Datasheet(HTML) 104 Page - Microchip Technology |
|
104 / 218 page ![]() PIC16F87X DS30292C-page 102 2001 Microchip Technology Inc. FIGURE 10-5: ASYNCHRONOUS RECEPTION When setting up an Asynchronous Reception, follow these steps: 1. Initialize the SPBRG register for the appropriate baud rate. If a high speed baud rate is desired, set bit BRGH (Section 10.1). 2. Enable the asynchronous serial port by clearing bit SYNC and setting bit SPEN. 3. If interrupts are desired, then set enable bit RCIE. 4. If 9-bit reception is desired, then set bit RX9. 5. Enable the reception by setting bit CREN. 6. Flag bit RCIF will be set when reception is com- plete and an interrupt will be generated if enable bit RCIE is set. 7. Read the RCSTA register to get the ninth bit (if enabled) and determine if any error occurred during reception. 8. Read the 8-bit received data by reading the RCREG register. 9. If any error occurred, clear the error by clearing enable bit CREN. 10. If using interrupts, ensure that GIE and PEIE (bits 7 and 6) of the INTCON register are set. TABLE 10-6: REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION START bit bit7/8 bit1 bit0 bit7/8 bit0 STOP bit START bit START bit bit7/8 STOP bit RX (pin) Reg Rcv Buffer Reg Rcv Shift Read Rcv Buffer Reg RCREG RCIF (Interrupt Flag) OERR bit CREN Word 1 RCREG Word 2 RCREG STOP bit Note: This timing diagram shows three words appearing on the RX input. The RCREG (receive buffer) is read after the third word, causing the OERR (overrun) bit to be set. Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other RESETS 0Bh, 8Bh, 10Bh,18Bh INTCON GIE PEIE T0IE INTE RBIE T0IF INTF R0IF 0000 000x 0000 000u 0Ch PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 18h RCSTA SPEN RX9 SREN CREN — FERR OERR RX9D 0000 -00x 0000 -00x 1Ah RCREG USART Receive Register 0000 0000 0000 0000 8Ch PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 98h TXSTA CSRC TX9 TXEN SYNC — BRGH TRMT TX9D 0000 -010 0000 -010 99h SPBRG Baud Rate Generator Register 0000 0000 0000 0000 Legend: x = unknown, - = unimplemented locations read as '0'. Shaded cells are not used for asynchronous reception. Note 1: Bits PSPIE and PSPIF are reserved on PIC16F873/876 devices; always maintain these bits clear. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |