| Electronic Components Datasheet Search |
|
PIC16F877 Datasheet(PDF) 110 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877 Datasheet(HTML) 110 Page - Microchip Technology |
|
110 / 218 page ![]() PIC16F87X DS30292C-page 108 2001 Microchip Technology Inc. FIGURE 10-11: SYNCHRONOUS RECEPTION (MASTER MODE, SREN) 10.4 USART Synchronous Slave Mode Synchronous Slave mode differs from the Master mode in the fact that the shift clock is supplied externally at the RC6/TX/CK pin (instead of being supplied internally in Master mode). This allows the device to transfer or receive data while in SLEEP mode. Slave mode is entered by clearing bit CSRC (TXSTA<7>). 10.4.1 USART SYNCHRONOUS SLAVE TRANSMIT The operation of the Synchronous Master and Slave modes is identical, except in the case of the SLEEP mode. If two words are written to the TXREG and then the SLEEP instruction is executed, the following will occur: a) The first word will immediately transfer to the TSR register and transmit. b) The second word will remain in TXREG register. c) Flag bit TXIF will not be set. d) When the first word has been shifted out of TSR, the TXREG register will transfer the second word to the TSR and flag bit TXIF will now be set. e) If enable bit TXIE is set, the interrupt will wake the chip from SLEEP and if the global interrupt is enabled, the program will branch to the inter- rupt vector (0004h). When setting up a Synchronous Slave Transmission, follow these steps: 1. Enable the synchronous slave serial port by set- ting bits SYNC and SPEN and clearing bit CSRC. 2. Clear bits CREN and SREN. 3. If interrupts are desired, then set enable bit TXIE. 4. If 9-bit transmission is desired, then set bit TX9. 5. Enable the transmission by setting enable bit TXEN. 6. If 9-bit transmission is selected, the ninth bit should be loaded in bit TX9D. 7. Start transmission by loading data to the TXREG register. 8. If using interrupts, ensure that GIE and PEIE (bits 7 and 6) of the INTCON register are set. TABLE 10-10: REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE TRANSMISSION CREN bit RC7/RX/DT pin RC6/TX/CK pin Write to bit SREN SREN bit RCIF bit (Interrupt) Read RXREG Note: Timing diagram demonstrates SYNC Master mode with bit SREN = ’1’ and bit BRG = ’0’. Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q2 Q1 Q2 Q3 Q4Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 ’0’ bit0 bit1 bit2 bit3 bit4 bit5 bit6 bit7 ’0’ Q1 Q2 Q3 Q4 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other RESETS 0Bh, 8Bh, 10Bh,18Bh INTCON GIE PEIE T0IE INTE RBIE T0IF INTF R0IF 0000 000x 0000 000u 0Ch PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 18h RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000x 19h TXREG USART Transmit Register 0000 0000 0000 0000 8Ch PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 98h TXSTA CSRC TX9 TXEN SYNC — BRGH TRMT TX9D 0000 -010 0000 -010 99h SPBRG Baud Rate Generator Register 0000 0000 0000 0000 Legend: x = unknown, - = unimplemented, read as '0'. Shaded cells are not used for synchronous slave transmission. Note 1: Bits PSPIE and PSPIF are reserved on PIC16F873/876 devices; always maintain these bits clear. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |