Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 175 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 175 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 171Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 172Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 173Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 174Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 175Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 176Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 177Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 178Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 173
dsPIC33FJ12GP201/202
18.0 SPECIAL FEATURES
dsPIC33FJ12GP201/202 devices include several fea-
tures intended to maximize application flexibility and
reliability, and minimize cost through elimination of
external components. These are:
• Flexible configuration
• Watchdog Timer (WDT)
• Code Protection and CodeGuard™ Security
• JTAG Boundary Scan Interface
• In-Circuit Serial Programming™ (ICSP™)
programming capability
• In-Circuit emulation
18.1
Configuration Bits
The Configuration bits can be programmed (read as
‘0’), or left unprogrammed (read as ‘1’), to select
various device configurations. These bits are mapped
starting at program memory location 0xF80000.
The Device Configuration register map is shown in
Table 18-1.
The individual Configuration bit descriptions for the
FBS, FGS, FOSCSEL, FOSC, FWDT, FPOR and FICD
Configuration registers are shown in Table 18-2.
Note that address 0xF80000 is beyond the user program
memory space. It belongs to the configuration memory
space (0x800000-0xFFFFFF), which can only be
accessed using table reads and table writes.
The upper byte of all device Configuration registers
should always be ‘1111 1111’. This makes them
appear to be NOP instructions in the remote event that
their locations are ever executed by accident. Since
Configuration bits are not implemented in the
corresponding locations, writing ‘1’s to these locations
has no effect on device operation.
To prevent inadvertent configuration changes during
code execution, all programmable Configuration bits
are write-once. After a bit is initially programmed during
a power cycle, it cannot be written to again. Changing
a device configuration requires that power to the device
be cycled.
TABLE 18-1:
DEVICE CONFIGURATION REGISTER MAP
Note:
This data sheet summarizes the features
of the dsPIC33FJ12GP201/202 devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33F Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
dsPIC33F Family Reference Manual
sections.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0xF80000
FBS
—
—
—
—
BSS<2:0>
BWRP
0xF80002
Reserved
Reserved(1)
0xF80004
FGS
—
—
—
—
—
GSS<1:0>
GWRP
0xF80006
FOSCSEL
IESO
—
—
—FNOSC<2:0>
0xF80008
FOSC
FCKSM<1:0>
IOL1WAY
—
—OSCIOFNC POSCMD<1:0>
0xF8000A FWDT
FWDTEN WINDIS
—
WDTPRE
WDTPOST<3:0>
0xF8000C FPOR
—
—
—ALTI2C
—FPWRT<2:0>
0xF8000E Reserved
Reserved(1)
0xF80010
FUID0
User Unit ID Byte 0
0xF80012
FUID1
User Unit ID Byte 1
0xF80014
FUID2
User Unit ID Byte 2
0xF80016
FUID3
User Unit ID Byte 3
Note 1: These reserved bits read as ‘1’ and must be programmed as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com