Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 178 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 178 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 174Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 175Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 176Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 177Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 178Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 179Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 180Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 181Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 242 page
background image
dsPIC33FJ12GP201/202
DS70264B-page 176
Preliminary
© 2007 Microchip Technology Inc.
18.2
On-Chip Voltage Regulator
All of the dsPIC33FJ12GP201/202 devices power their
core digital logic at a nominal 2.5V. This can create a
conflict for designs that are required to operate at a
higher typical voltage, such as 3.3V. To simplify system
design, all devices in the dsPIC33FJ12GP201/202
family incorporate an on-chip regulator that allows the
device to run its core logic from VDD.
The regulator provides power to the core from the other
VDD pins. When the regulator is enabled, a low ESR
(less than 5 ohms) capacitor (such as tantalum or
ceramic) must be connected to the VDDCORE/VCAP pin
(Figure 18-1). This helps to maintain the stability of the
regulator. The recommended value for the filter capac-
itor is provided in Table 21-13 located in Section 21.1
“DC Characteristics”.
On a POR
, it takes approximately 20 μs for the on-chip
voltage regulator to generate an output voltage. During
this time, designated as TSTARTUP, code execution is
disabled. TSTARTUP is applied every time the device
resumes operation after any power-down.
FIGURE 18-1:
CONNECTIONS FOR THE
ON-CHIP VOLTAGE
REGULATOR(1)
18.3
BOR: Brown-Out Reset
The Brown-out Reset (BOR) module is based on an
internal voltage reference circuit that monitors the reg-
ulated voltage VDDCORE. The main purpose of the BOR
module is to generate a device Reset when a
brown-out condition occurs. Brown-out conditions are
generally caused by glitches on the AC mains (for
example, missing portions of the AC cycle waveform
due to bad power transmission lines, or voltage sags
due to excessive current draw when a large inductive
load is turned on).
A BOR generates a Reset pulse, which resets the
device. The BOR selects the clock source, based on
the device Configuration bit values (FNOSC<2:0> and
POSCMD<1:0>).
If an oscillator mode is selected, the BOR activates the
Oscillator Start-up Timer (OST). The system clock is
held until OST expires. If the PLL is used, the clock is
held until the LOCK bit (OSCCON<5>) is ‘1’.
Concurrently, the PWRT time-out (TPWRT) will be
applied before the internal Reset is released. If TPWRT
= 0 and a crystal oscillator is being used, a nominal
delay of TFSCM = 100 is applied. The total delay in this
case is TFSCM.
The BOR Status bit (RCON<1>) is set to indicate that a
BOR has occurred. The BOR circuit, if enabled, contin-
ues to operate while in Sleep or Idle modes and resets
the device should VDD fall below the BOR threshold
voltage.
Note 1:
These are typical operating voltages. Refer
to Table 21-13 located in Section 21.1 “DC
Characteristics” for the full operating
ranges of VDD and VDDCORE.
VDD
VDDCORE/VCAP
VSS
dsPIC33F
CF
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com