Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-20E/PF Datasheet(PDF) 42 Page - Microchip Technology

Part # DSPIC30F0010AT-20E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/PF Datasheet(HTML) 42 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/PF Datasheet HTML 38Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 39Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 40Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 41Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 42Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 43Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 44Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 45Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 40
© 2007 Microchip Technology Inc.
5.1
Interrupt Priority
The user assignable Interrupt Priority (IP<2:0>) bits
for each individual interrupt source are located in the
Least Significant 3 bits of each nibble within the IPCx
register(s). Bit 3 of each nibble is not used and is read
as a ‘0’. These bits define the priority level assigned
to a particular interrupt by the user.
Since more than one interrupt request source may be
assigned to a specific user-specified priority level, a
means is provided to assign priority within a given level.
This method is called “Natural Order Priority”.
Natural Order Priority is determined by the position of
an interrupt in the vector table, and only affects
interrupt operation when multiple interrupts with the
same user-assigned priority become pending at the
same time.
Table 5-1 lists the interrupt numbers and interrupt
sources for the dsPIC DSC devices and their associated
vector numbers.
The ability for the user to assign every interrupt to one
of seven priority levels means that the user can assign
a very high overall priority level to an interrupt with a
low natural order priority.
TABLE 5-1:
INTERRUPT VECTOR TABLE
Note:
The user selectable priority levels start at
0, as the lowest priority and level 7, as the
highest priority.
Note 1: The Natural Order Priority scheme has 0
as the highest priority and 53 as the
lowest priority.
2: The Natural Order Priority number is the
same as the INT number.
INT
Number
Vector
Number
Interrupt Source
Highest Natural Order Priority
0
8
INT0 – External Interrupt 0
1
9
IC1 – Input Capture 1
2
10
OC1 – Output Compare 1
3
11
T1 – Timer1
4
12
IC2 – Input Capture 2
5
13
OC2 – Output Compare 2
6
14
T2 – Timer2
7
15
T3 – Timer3
8
16
SPI1
9
17
U1RX – UART1 Receiver
10
18
U1TX – UART1 Transmitter
11
19
ADC – ADC Convert Done
12
20
NVM - NVM Write Complete
13
21
SI2C – I2C™ Slave Interrupt
14
22
MI2C – I2C Master Interrupt
15
23
Input Change Interrupt
16
24
INT1 – External Interrupt 1
17
25
IC7 – Input Capture 7
18
26
IC8 – Input Capture 8
19
27
OC3 – Output Compare 3
20
28
OC4 – Output Compare 4
21
29
T4 – Timer4
22
30
T5 – Timer5
23
31
INT2 – External Interrupt 2
24
32
U2RX – UART2 Receiver
25
33
U2TX – UART2 Transmitter
26
34
SPI2
27
35
C1 – Combined IRQ for CAN1
28
36
IC3 – Input Capture 3
29
37
IC4 – Input Capture 4
30
38
IC5 – Input Capture 5
31
39
IC6 – Input Capture 6
32
40
OC5 – Output Compare 5
33
41
OC6 – Output Compare 6
34
42
OC7 – Output Compare 7
35
43
OC8 – Output Compare 8
36
44
INT3 – External Interrupt 3
37
45
INT4 - External Interrupt 4
38
46
C2 – Combined IRQ for CAN2
39
47
PWM – PWM Period Match
40
48
QEI – QEI Interrupt
41
49
Reserved
42
50
Reserved
43
51
FLTA – PWM Fault A
44
52
FLTB – PWM Fault B
45-53
53-61
Reserved
Lowest Natural Order Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com