Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-20E/PF Datasheet(PDF) 88 Page - Microchip Technology

Part # DSPIC30F0010AT-20E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-20E/PF Datasheet(HTML) 88 Page - Microchip Technology

Back Button DSPIC30F0010AT-20E/PF Datasheet HTML 84Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 85Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 86Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 87Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 88Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 89Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 90Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 91Page - Microchip Technology DSPIC30F0010AT-20E/PF Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 236 page
background image
TABLE 13-1:
OUTPUT COMPARE REGISTER MAP
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
OC1RS
0180
Output Compare 1 Secondary Register
0000 0000 0000 0000
OC1R
0182
Output Compare 1 Main Register
0000 0000 0000 0000
OC1CON
0184
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000 0000 0000 0000
OC2RS
0186
Output Compare 2 Secondary Register
0000 0000 0000 0000
OC2R
0188
Output Compare 2 Main Register
0000 0000 0000 0000
OC2CON
018A
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSE
OCM<2:0>
0000 0000 0000 0000
OC3RS
018C
Output Compare 3 Secondary Register
0000 0000 0000 0000
OC3R
018E
Output Compare 3 Main Register
0000 0000 0000 0000
OC3CON
0190
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000 0000 0000 0000
OC4RS
0192
Output Compare 4 Secondary Register
0000 0000 0000 0000
OC4R
0194
Output Compare 4 Main Register
0000 0000 0000 0000
OC4CON
0196
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000 0000 0000 0000
OC5RS
0198
Output Compare 5 Secondary Register
0000 0000 0000 0000
OC5R
019A
Output Compare 5 Main Register
0000 0000 0000 0000
OC5CON
019C
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000 0000 0000 0000
OC6RS
019E
Output Compare 6 Secondary Register
0000 0000 0000 0000
OC6R
01A0
Output Compare 6 Main Register
0000 0000 0000 0000
OC6CON
01A2
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000 0000 0000 0000
OC7RS
01A4
Output Compare 7 Secondary Register
0000 0000 0000 0000
OC7R
01A6
Output Compare 7 Main Register
0000 0000 0000 0000
OC7CON
01A8
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000 0000 0000 0000
OC8RS
01AA
Output Compare 8 Secondary Register
0000 0000 0000 0000
OC8R
01AC
Output Compare 8 Main Register
0000 0000 0000 0000
OC8CON
01AE
—
—OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com