Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30E/PF Datasheet(PDF) 124 Page - Microchip Technology

Part # DSPIC30F2011AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/PF Datasheet(HTML) 124 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/PF Datasheet HTML 120Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 121Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 122Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 123Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 124Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 125Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 126Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 127Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 228 page
background image
C2TX1EID
0412
Transmit Buffer 1 Extended Identifier
<17:14>
—
—
—
—
Transmit Buffer 1 Extended Identifier <13:6>
uuuu 0000 uuuu uuuu
C2TX1DLC
0414
Transmit Buffer 1 Extended Identifier <5:0>
TXRTR
TXRB1
TXRB0
DLC<3:0>
—
—
—
uuuu uuuu uuuu u000
C2TX1B1
0416
Transmit Buffer 1 Byte 1
Transmit Buffer 1 Byte 0
uuuu uuuu uuuu uuuu
C2TX1B2
0418
Transmit Buffer 1 Byte 3
Transmit Buffer 1 Byte 2
uuuu uuuu uuuu uuuu
C2TX1B3
041A
Transmit Buffer 1 Byte 5
Transmit Buffer 1 Byte 4
uuuu uuuu uuuu uuuu
C2TX1B4
041C
Transmit Buffer 1 Byte 7
Transmit Buffer 1 Byte 6
uuuu uuuu uuuu uuuu
C2TX1CON
041E
—
—
—
—
—
—
—
—
—
TXABT
TXLARB
TXERR
TXREQ
—
TXPRI<1:0>
0000 0000 0000 0000
C2TX0SID
0420
Transmit Buffer 0 Standard Identifier <10:6>
—
—
—
Transmit Buffer 0 Standard Identifier <5:0>
SRR
TXIDE
uuuu u000 uuuu uuuu
C2TX0EID
0422
Transmit Buffer 0 Extended Identifier
<17:14>
—
—
—
—
Transmit Buffer 0 Extended Identifier <13:6>
uuuu 0000 uuuu uuuu
C2TX0DLC
0424
Transmit Buffer 0 Extended Identifier <5:0>
TXRTR
TXRB1
TXRB0
DLC<3:0>
—
—
—
uuuu uuuu uuuu u000
C2TX0B1
0426
Transmit Buffer 0 Byte 1
Transmit Buffer 0 Byte 0
uuuu uuuu uuuu uuuu
C2TX0B2
0428
Transmit Buffer 0 Byte 3
Transmit Buffer 0 Byte 2
uuuu uuuu uuuu uuuu
C2TX0B3
042A
Transmit Buffer 0 Byte 5
Transmit Buffer 0 Byte 4
uuuu uuuu uuuu uuuu
C2TX0B4
042C
Transmit Buffer 0 Byte 7
Transmit Buffer 0 Byte 6
uuuu uuuu uuuu uuuu
C2TX0CON
042E
—
—
—
—
—
—
—
—
—
TXABT
TXLARB
TXERR
TXREQ
—
TXPRI<1:0>
0000 0000 0000 0000
C2RX1SID
0430
—
—
—
Receive Buffer 1 Standard Identifier <10:0>
SRR
RXIDE
000u uuuu uuuu uuuu
C2RX1EID
0432
—
—
—
—
Receive Buffer 1 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RX1DLC
0434
Receive Buffer 1 Extended Identifier <5:0>
RXRTR
RXRB1
—
—
—
RXRB0
DLC<3:0>
uuuu uuuu 000u uuuu
C2RX1B1
0436
Receive Buffer 1 Byte 1
Receive Buffer 1 Byte 0
uuuu uuuu uuuu uuuu
C2RX1B2
0438
Receive Buffer 1 Byte 3
Receive Buffer 1 Byte 2
uuuu uuuu uuuu uuuu
C2RX1B3
043A
Receive Buffer 1 Byte 5
Receive Buffer 1 Byte 4
uuuu uuuu uuuu uuuu
C2RX1B4
043C
Receive Buffer 1 Byte 7
Receive Buffer 1 Byte 6
uuuu uuuu uuuu uuuu
C2RX1CON
043E
—
—
—
—
—
—
—
—RXFUL
—
—
—
RXRTRRO
FILHIT<2:0>
0000 0000 0000 0000
C2RX0SID
0440
—
—
—
Receive Buffer 0 Standard Identifier <10:0>
SRR
RXIDE
000u uuuu uuuu uuuu
C2RX0EID
0442
—
—
—
—
Receive Buffer 0 Extended Identifier <17:6>
0000 uuuu uuuu uuuu
C2RX0DLC
0444
Receive Buffer 0 Extended Identifier <5:0>
RXRTR
RXRB1
—
—
—
RXRB0
DLC<3:0>
uuuu uuuu 000u uuuu
C2RX0B1
0446
Receive Buffer 0 Byte 1
Receive Buffer 0 Byte 0
uuuu uuuu uuuu uuuu
C2RX0B2
0448
Receive Buffer 0 Byte 3
Receive Buffer 0 Byte 2
uuuu uuuu uuuu uuuu
C2RX0B3
044A
Receive Buffer 0 Byte 5
Receive Buffer 0 Byte 4
uuuu uuuu uuuu uuuu
C2RX0B4
044C
Receive Buffer 0 Byte 7
Receive Buffer 0 Byte 6
uuuu uuuu uuuu uuuu
C2RX0CON
044E
—
—
—
—
—
—
—
—RXFUL
—
—
—
RXRTRRO
DBEN
JTOFF
FILHIT0
0000 0000 0000 0000
C2CTRL
0450
CANCAP
—
CSIDLE
ABAT
CANCKS
REQOP<2:0>
OPMODE<2:0>
—
ICODE<2:0>
—
0000 0100 1000 0000
C2CFG1
0452
—
—
—
—
—
—
—
—
SJW<1:0>
BRP<5:0>
0000 0000 0000 0000
C2CFG2
0454
—
WAKFIL
—
—
—
SEG2PH<2:0>
SEG2PHTS
SAM
SEG1PH<2:0>
PRSEG<2:0>
0u00 0uuu uuuu uuuu
TABLE 17-2:
CAN2 REGISTER MAP (CONTINUED)
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
Legend: u = uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com