Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30E/PF Datasheet(PDF) 136 Page - Microchip Technology

Part # DSPIC30F2011AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/PF Datasheet(HTML) 136 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/PF Datasheet HTML 132Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 133Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 134Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 135Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 136Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 137Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 138Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 139Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 228 page
background image
TABLE 18-2:
DCI REGISTER MAP
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
DCICON1
0240
DCIEN
—
DCISIDL
—
DLOOP
CSCKD
CSCKE
COFSD
UNFM
CSDOM
DJST
—
—
—
COFSM1
COFSM0 0000 0000 0000 0000
DCICON2
0242
—
—
—
—
BLEN1
BLEN0
—
COFSG<3:0>
—
WS<3:0>
0000 0000 0000 0000
DCICON3
0244
—
—
—
—
BCG<11:0>
0000 0000 0000 0000
DCISTAT
0246
—
—
—
—
SLOT3
SLOT2
SLOT1
SLOT0
—
—
—
—
ROV
RFUL
TUNF
TMPTY
0000 0000 0000 0000
TSCON
0248
TSE15
TSE14
TSE13
TSE12
TSE11
TSE10
TSE9
TSE8
TSE7
TSE6
TSE5
TSE4
TSE3
TSE2
TSE1
TSE0
0000 0000 0000 0000
RSCON
024C
RSE15
RSE14
RSE13
RSE12
RSE11
RSE10
RSE9
RSE8
RSE7
RSE6
RSE5
RSE4
RSE3
RSE2
RSE1
RSE0
0000 0000 0000 0000
RXBUF0
0250
Receive Buffer #0 Data Register
0000 0000 0000 0000
RXBUF1
0252
Receive Buffer #1 Data Register
0000 0000 0000 0000
RXBUF2
0254
Receive Buffer #2 Data Register
0000 0000 0000 0000
RXBUF3
0256
Receive Buffer #3 Data Register
0000 0000 0000 0000
TXBUF0
0258
Transmit Buffer #0 Data Register
0000 0000 0000 0000
TXBUF1
025A
Transmit Buffer #1 Data Register
0000 0000 0000 0000
TXBUF2
025C
Transmit Buffer #2 Data Register
0000 0000 0000 0000
TXBUF3
025E
Transmit Buffer #3 Data Register
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com