Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30E/PF Datasheet(PDF) 143 Page - Microchip Technology

Part # DSPIC30F2011AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/PF Datasheet(HTML) 143 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/PF Datasheet HTML 139Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 140Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 141Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 142Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 143Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 144Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 145Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 146Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 228 page
background image
© 2006 Microchip Technology Inc.
DS70117F-page 141
dsPIC30F6011/6012/6013/6014
19.8
A/D Acquisition Requirements
The analog input model of the 12-bit A/D converter
is shown inFigure 19-4. The total sampling time for the
A/D is a function of the internal amplifier settling time
and the holding capacitor charge time.
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the voltage level on the analog input
pin. The source impedance (RS), the interconnect
impedance (RIC), and the internal sampling switch
(RSS) impedance combine to directly affect the time
required to charge the capacitor CHOLD. The combined
impedance of the analog sources must therefore be
small enough to fully charge the holding capacitor
within the chosen sample time. To minimize the effects
of pin leakage currents on the accuracy of the A/D con-
verter, the maximum recommended source imped-
ance, RS, is 2.5 k
Ω. After the analog input channel is
selected (changed), this sampling function must be
completed prior to starting the conversion. The internal
holding capacitor will be in a discharged state prior to
each sample operation.
FIGURE 19-4:
12-BIT A/D CONVERTER ANALOG INPUT MODEL
CPIN
VA
Rs
ANx
VT = 0.6V
VT = 0.6V
I leakage
RIC
≤ 250Ω
Sampling
Switch
RSS
CHOLD
= DAC capacitance
VSS
VDD
= 18 pF
± 500 nA
Legend: CPIN
VT
I leakage
RIC
RSS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch resistance
= sample/hold capacitance (from DAC)
various junctions
Note: CPIN value depends on device package and is not tested. Effect of CPIN negligible if Rs
≤ 2.5 kΩ.
RSS
≤ 3 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com