Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-30E/PF Datasheet(PDF) 227 Page - Microchip Technology

Part # DSPIC30F0010AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30E/PF Datasheet(HTML) 227 Page - Microchip Technology

Back Button DSPIC30F0010AT-30E/PF Datasheet HTML 223Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 224Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 225Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 226Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 227Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 228Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 229Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 230Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 225
dsPIC30F6010A/6015
INDEX
A
A/D
Aborting a Conversion ............................................. 138
Acquisition Requirements ........................................ 142
ADCHS .................................................................... 135
ADCON1 .................................................................. 135
ADCON2 .................................................................. 135
ADCON3 .................................................................. 135
ADCSSL ................................................................... 135
ADPCFG .................................................................. 135
Configuring Analog Port Pins ................................... 144
Connection Considerations ...................................... 144
Conversion Operation .............................................. 137
Conversion Rate Parameters ................................... 139
Conversion Speeds .................................................. 139
Effects of a Reset ..................................................... 143
Operation During CPU Idle Mode ............................ 143
Operation During CPU Sleep Mode ......................... 143
Output Formats ........................................................ 143
Power-Down Modes ................................................. 143
Programming the Start of Conversion Trigger ......... 138
Register Map ............................................................ 145
Result Buffer ............................................................ 137
Selecting the Conversion Clock ............................... 138
Selecting the Conversion Sequence ........................ 137
Voltage Reference Schematic ................................. 140
1 Msps Configuration Guideline ............................... 140
10-bit High-Speed Analog-to-Digital
Converter Module ............................................ 135
600 ksps Configuration Guideline ............................ 141
750 ksps Configuration Guideline ............................ 141
AC Characteristics ........................................................... 184
Internal FRC Jitter, Accuracy and Drift .................... 188
Internal LPRC Accuracy ........................................... 188
Load Conditions ....................................................... 184
Temperature and Voltage Specifications ................. 184
Address Generator Units ................................................... 33
Alternate Vector Table ....................................................... 43
Alternate 16-bit Timer/Counter ........................................... 89
Assembler
MPASM Assembler .................................................. 172
Automatic Clock Stretch ................................................... 110
During 10-bit Addressing (STREN = 1) .................... 110
During 7-bit Addressing (STREN = 1) ...................... 110
Receive Mode .......................................................... 110
Transmit Mode ......................................................... 110
B
Barrel Shifter ...................................................................... 20
Bit-Reversed Addressing ................................................... 36
Example ..................................................................... 36
Implementation .......................................................... 36
Modifier Values (table) ............................................... 37
Sequence Table (16-Entry) ........................................ 37
Block Diagrams
CAN Buffers and Protocol Engine ............................ 124
Dedicated Port Structure ............................................ 57
DSP Engine ............................................................... 17
dsPIC30F6010A ........................................................... 8
dsPIC30F6015 ............................................................. 9
External Power-on Reset Circuit .............................. 156
Input Capture Mode ................................................... 79
I2C ............................................................................ 108
Oscillator System ..................................................... 149
Output Compare Mode .............................................. 83
PWM Module ............................................................. 94
Quadrature Encoder Interface ................................... 87
Reset System .......................................................... 153
Shared Port Structure ................................................ 58
SPI ........................................................................... 104
SPI Master/Slave Connection .................................. 104
UART Receiver ........................................................ 116
UART Transmitter .................................................... 115
10-bit High-Speed A/D Functional ........................... 136
16-bit Timer1 Module (Type A Timer) ........................ 64
16-bit Timer2 (Type B Timer) for dsPIC30F6010A .... 70
16-bit Timer2 (Type B Timer) for dsPIC30F6015 ...... 70
16-bit Timer3 (Type C Timer) .................................... 71
16-bit Timer4 (Type B Timer) .................................... 76
16-bit Timer5 (Type C Timer) .................................... 76
32-bit Timer2/3 for dsPIC30F6010A .......................... 68
32-bit Timer2/3 for dsPIC30F6015 ............................ 69
32-bit Timer4/5 .......................................................... 75
BOR. See Brown-out Reset.
Brown-out Reset (BOR) ................................................... 147
C
C Compilers
MPLAB C18 ............................................................. 172
MPLAB C30 ............................................................. 172
CAN
Baud Rate Setting ................................................... 128
Bit Timing ......................................................... 128
Phase Segments ............................................. 129
Prescaler ......................................................... 129
Propagation Segment ...................................... 129
Sample Point ................................................... 129
Synchronization ............................................... 129
CAN1 Register Map for dsPIC30F6010A/6015 ....... 130
CAN2 Register Map for dsPIC30F6010A ................ 132
Frame Types ........................................................... 123
Message Reception ................................................. 126
Acceptance Filter Masks ................................. 126
Acceptance Filters ........................................... 126
Receive Buffers ............................................... 126
Receive Errors ................................................. 126
Receive Interrupts ........................................... 126
Receive Overrun .............................................. 126
Message Transmission ............................................ 127
Aborting ........................................................... 127
Errors ............................................................... 127
Priority ............................................................. 127
Sequence ........................................................ 127
Transmit Buffers .............................................. 127
Transmit Interrupts .......................................... 128
Operation Modes ..................................................... 125
Disable ............................................................ 125
Error Recognition ............................................. 125
Initialization ...................................................... 125
Listen-Only ...................................................... 125
Loopback ......................................................... 125
Normal ............................................................. 125
Overview .................................................................. 123
CAN Module .................................................................... 123
Center-Aligned PWM ......................................................... 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com