Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC22AT-I/SN Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC22AT-I/SN
Description  2K VESA E-EDID Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22AT-I/SN Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC22AT-I/SN Datasheet HTML 4Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 5Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 6Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 7Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 8Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 9Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 10Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 11Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
24LC22A
DS21683B-page 8
© 2007 Microchip Technology Inc.
FIGURE 3-5:
BUS TIMING START/STOP
FIGURE 3-6:
BUS TIMING DATA
3.1.6
SLAVE ADDRESS
After generating a Start condition, the bus master trans-
mits the slave address consisting of a 7-bit device code
(1010000) for the 24LC22A.
The eighth bit of slave address determines whether the
master device wants to read or write to the 24LC22A
(Figure 3-7).
The 24LC22A monitors the bus for its corresponding
slave
address
continuously.
It
generates
an
Acknowledge bit if the slave address was true and it is
not in a programming mode.
FIGURE 3-7:
CONTROL BYTE
ALLOCATION
SCL
SDA
Start
Stop
VHYS
TSU:STO
THD:STA
TSU:STA
SCL
SDA
IN
SDA
OUT
TSU:STA
TSP
TAA
TF
TLOW
THIGH
THD:STA
THD:DAT
TSU:DAT
TSU:STO
TBUF
TAA
TR
Operation
Slave Address
R/W
Read
1010000
1
Write
1010000
0
R/W A
10
1
0
0
0
0
Read/Write
Start
Slave Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com