Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC22AT-I/SN Datasheet(PDF) 18 Page - Microchip Technology

Part # 24LC22AT-I/SN
Description  2K VESA E-EDID Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC22AT-I/SN Datasheet(HTML) 18 Page - Microchip Technology

Back Button 24LC22AT-I/SN Datasheet HTML 14Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 15Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 16Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 17Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 18Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 19Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 20Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 21Page - Microchip Technology 24LC22AT-I/SN Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
24LC22A
DS21683B-page 18
© 2007 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
Revision A
Original release of document.
Revision B (10/2007)
Revised Features (added Pb-free); Revised ambient
temperature; Revised Table 1.1, Para. D8 and D9;
Revised Packaging Information; Replaced Package
Drawings; Replaced On-Line Support; Revised
Product ID System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com