Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

17XSF500 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 17XSF500
Description  Penta 17 mOhm High Side Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17XSF500 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 17XSF500 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 10Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 11Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 12Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 13Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 14Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 15Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 16Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
MC17XSF500
5.3
Block Diagram
The choice of multi-die technology in SOIC exposed pad package including low cost vertical trench FET power die associated
with Smart Power control die lead to an optimized solution.
Figure 6. Functional Block Diagram
5.3.1
Self-protected High Side Switches
OUT1… OUT5 are the output pins of the power switches. The power channels are protected against various kinds of short-
circuits and have active clamp circuitry that may be activated when switching off inductive loads. Many protective and diagnostic
functions are available.
5.3.2
Power Supply
The device operates with supply voltages from 5.5 to 40 V (VPWR), but is full spec. compliant only between 7.0 and 18 V. The
VPWR pin supplies power to the internal regulator, analog, and logic circuit blocks. The VCC pin (5.0 V typ.) supplies the output
register of the Serial Peripheral Interface (SPI). Consequently, the SPI registers cannot be read without presence of VCC. The
employed IC architecture guarantees a low quiescent current in Sleep mode.
5.3.3
MCU Interface and Device Control
In Normal mode the power output channels are controlled by the embedded PWM module, which is configured by the SPI register
settings. For bidirectional SPI communication, VCC has to be in the authorized range. Failure diagnostics and configuration are
also performed through the SPI port. The reported failure types are: open-load, short-circuit to supply, severe short-circuit to
ground, overcurrent, overtemperature, clock-fail, and under and overvoltage.
The device allows driving loads at different frequencies up to 400 Hz.
5.4
Functional Description
The device has four fundamental operating modes: Sleep, Normal, Fail, and Power off. It possesses multiple high side switches
(power channels) each of which can be controlled independently:
•
in Normal mode by SPI interface. For bidirectional SPI communication, a second supply voltage (VCC) is required.
•
in Fail mode by the corresponding the direct inputs IN1… IN4. The OUT5 for the Penta version and the OUT6
are off in this mode.
Power Supply
Gen4 - Functional Block Diagram
Parallel Control Inputs
MCU Interface & Device Control
SPI Interface
Self-protected
Supply
MCU Interface & Output Control
Self-protected High Side Switches
PWM Controller
High Side
Switches
OUT[x]
MCU
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com