Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC16C554BIB64 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC16C554BIB64
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C554BIB64 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC16C554BIB64 Datasheet HTML 25Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 26Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 27Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 28Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 29Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 30Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 31Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 32Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
SC16C554B_554DB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 8 June 2010
29 of 58
NXP Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
7.2.1 IER versus Receive FIFO interrupt mode operation
When the receive FIFO (FCR[0] = logic 1), and receive interrupts (IER[0] = logic 1) are
enabled, the receive interrupts and register status will reflect the following:
• The receive data available interrupts are issued to the external CPU when the FIFO
has reached the programmed trigger level. It will be cleared when the FIFO drops
below the programmed trigger level.
• FIFO status will also be reflected in the user accessible ISR register when the FIFO
trigger level is reached. Both the ISR register status bit and the interrupt will be
cleared when the FIFO drops below the trigger level.
• The data ready bit (LSR[0]) is set as soon as a character is transferred from the shift
register to the receive FIFO. It is reset when the FIFO is empty.
7.2.2 IER versus Receive/Transmit FIFO polled mode operation
When FCR[0] = logic 1, resetting IER[3:0] enables the SC16C554B/554DB in the FIFO
polled mode of operation. Since the receiver and transmitter have separate bits in the
LSR, either or both can be used in the polled mode by selecting respective transmit or
receive control bit(s).
• LSR[0] will be a logic 1 as long as there is one byte in the receive FIFO.
• LSR[4:1] will provide the type of errors encountered, if any.
• LSR[5] will indicate when the transmit FIFO is empty.
• LSR[6] will indicate when both the transmit FIFO and Transmit Shift Register are
empty.
• LSR[7] will indicate any FIFO data errors.
7.3 FIFO Control Register (FCR)
This register is used to enable the FIFOs, clear the FIFOs, set the receive FIFO trigger
levels, and select the DMA mode.
7.3.1 DMA mode
7.3.1.1
Mode 0 (FCR bit 3 = 0)
Set and enable the interrupt for each single transmit or receive operation, and is similar to
the 16C454 mode. Transmit Ready (TXRDY) will go to a logic 0 whenever an empty
transmit space is available in the Transmit Holding Register (THR). Receive Ready
(RXRDY) will go to a logic 0 whenever the Receive Holding Register (RHR) is loaded with
a character.
7.3.1.2
Mode 1 (FCR bit 3 = 1)
Set and enable the interrupt in a block mode operation. The transmit interrupt is set when
there are one or more FIFO locations empty. The receive interrupt is set when the receive
FIFO fills to the programmed trigger level. However, the FIFO continues to fill regardless
of the programmed level until the FIFO is full. RXRDY remains a logic 0 as long as the
FIFO fill level is above the programmed trigger level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com